Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 77 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 77 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 73Page - Motorola, Inc DSP56307/D Datasheet HTML 74Page - Motorola, Inc DSP56307/D Datasheet HTML 75Page - Motorola, Inc DSP56307/D Datasheet HTML 76Page - Motorola, Inc DSP56307/D Datasheet HTML 77Page - Motorola, Inc DSP56307/D Datasheet HTML 78Page - Motorola, Inc DSP56307/D Datasheet HTML 79Page - Motorola, Inc DSP56307/D Datasheet HTML 80Page - Motorola, Inc DSP56307/D Datasheet HTML 81Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 156 page
background image
Specifications
External Memory Interface (Port A)
MOTOROLA
DSP56307 Technical Data
2-41
Table 2-16
DRAM Out-of-Page and Refresh Timings, Fifteen Wait States1, 2
No.
Characteristics3
Symbol
Expression
66 MHz
80 MHz
100 MHz
Unit
Min Max Min Max Min Max
157 Random read or write cycle
time
tRC
16
× T
C
242.4
Ñ
200.0
Ñ
160.0
Ñ
ns
158 RAS assertion to data valid
(read)
tRAC
66 MHz
:
8.25
× T
C − 7.5
80 MHz
:
8.25
× T
C − 6.5
100 MHz
:
8.25
× T
C − 5.7
Ñ
Ñ
Ñ
117.5
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
96.6
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
76.8
ns
ns
ns
159 CAS assertion to data valid
(read)
tCAC
66 MHz
:
4.75
× T
C − 7.5
80 MHz
:
4.75
× T
C − 6.5
100 MHz
:
4.75
× T
C − 5.7
Ñ
Ñ
Ñ
64.5
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
52.9
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
41.8
ns
ns
ns
160 Column address valid to data
valid (read)
tAA
66 MHz
:
5.5
× T
C − 7.5
80 MHz
:
5.5
× T
C − 6.5
100 MHz
:
5.5
× T
C − 5.7
Ñ
Ñ
Ñ
75.8
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
62.3
Ñ
Ñ
Ñ
Ñ
Ñ
Ñ
49.3
ns
ns
ns
161 CAS deassertion to data not
valid (read hold time)
tOFF
0.0
0.0
Ñ
0.0
Ñ
0.0
Ñ
ns
162 RAS deassertion to RAS
assertion
tRP
6.25
× T
C − 4.0
90.7
Ñ
74.1
Ñ
58.5
Ñ
ns
163 RAS assertion pulse width
tRAS
9.75
× T
C − 4.0
143.7
Ñ
117.9
Ñ
93.5
Ñ
ns
164 CAS assertion to RAS
deassertion
tRSH
6.25
× T
C − 4.0
90.7
Ñ
74.1
Ñ
58.5
Ñ
ns
165 RAS assertion to CAS
deassertion
tCSH
8.25
× T
C − 4.0
121.0
Ñ
99.1
Ñ
78.5
Ñ
ns
166 CAS assertion pulse width
tCAS
4.75
× T
C − 4.0
68.0
Ñ
55.4
Ñ
43.5
Ñ
ns
167 RAS assertion to CAS
assertion
tRCD
3.5
× T
C ± 2
51.0 55.0 41.8 45.8 33.0 37.0
ns
168 RAS assertion to column
address valid
tRAD
2.75
× T
C ± 2
39.7 43.7 32.4 36.4 25.5 29.5
ns
169 CAS deassertion to RAS
assertion
tCRP
7.75
× T
C − 4.0
113.4
Ñ
92.9
Ñ
73.5
Ñ
ns
170 CAS deassertion pulse width
tCP
6.25
× T
C − 4.0
90.7
Ñ
74.1
Ñ
58.5
Ñ
ns
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com