Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 1 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 1 Page - Motorola, Inc

  DSP56307/D Datasheet HTML 1Page - Motorola, Inc DSP56307/D Datasheet HTML 2Page - Motorola, Inc DSP56307/D Datasheet HTML 3Page - Motorola, Inc DSP56307/D Datasheet HTML 4Page - Motorola, Inc DSP56307/D Datasheet HTML 5Page - Motorola, Inc DSP56307/D Datasheet HTML 6Page - Motorola, Inc DSP56307/D Datasheet HTML 7Page - Motorola, Inc DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
DSP56307
Order this document by:
DSP56307DS/D
Rev. 0, 8/10/98
©1998 MOTOROLA, INC.
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without
notification.
Product Preview
24-BIT DIGITAL SIGNAL PROCESSOR
The Motorola DSP56307, a member of the DSP56300 family of programmable digital signal
processors (DSPs), supports wireless infrastructure applications with general filtering
operations. The on-chip enhanced filter coprocessor (EFCOP) processes filter algorithms in
parallel with core operation, thus increasing overall DSP performance and efficiency. Like the
other family members, the DSP56307 uses a high-performance, single-clock-cycle-per-instruction
engine (code-compatible with Motorola's popular DSP56000 core family), a barrel shifter, 24-bit
addressing, an instruction cache, and a direct memory access controller, as in Figure 1. The
DSP56307 offers performance at 100 million instructions (MIPS) per second using an internal
100 MHz clock with a 2.5 volt core and independent 3.3 volt input/output power.
Figure 1
DSP56307 Block Diagram
PLL
OnCE™
Clock
Generator
Internal
Data
Bus
Switch
YAB
XAB
PAB
YDB
XDB
PDB
GDB
MODB/
IRQB
MODC/
IRQC
External
Data Bus
Switch
13
MODD/
IRQD
DSP56300
6
16
24-Bit
24
18
DDB
DAB
Peripheral
Core
Expansion Area
6
JTAG
5
3
RESET
MODA/
IRQA
PINIT/
NMI
2
EXTAL
XTAL
Address
Control
Data
Address
Generation
Unit
Six Channel
DMA Unit
Program
Interrupt
Controller
Program
Decode
Controller
Program
Address
Generator
Data ALU
24
× 24+56→56-bit MAC
Two 56-bit Accumulators
56-bit Barrel Shifter
Power
Mngmnt.
External
Bus
Interface
and
I - Cache
Control
AA1367
Memory Expansion Area
DE
Program
RAM
16 K
× 24 or
X Data
RAM
24 K
× 24
Y Data
RAM
24 K
× 24
External
Address
Bus
Switch
SCI
Interface
Enhanced
Filtering
Co-
EFCOP
processor
ESSI
Interface
Host
Interface
HI08
Triple
Timer
(Program
RAM
15 K
× 24 and
Instruction
Cache
1024
× 24)
Bootstrap
ROM
Not Recommended for New Design


Similar Part No. - DSP56307/D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56307/D NXP-DSP56307/D Datasheet
246Kb / 8P
DSP56307EVM Evaluation Module
DSP56307/D NXP-DSP56307/D Datasheet
1Mb / 156P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 0
More results

Similar Description - DSP56307/D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56309UM MOTOROLA-DSP56309UM Datasheet
4Mb / 424P
24-Bit Digital Signal Processor
DSP56L307 MOTOROLA-DSP56L307 Datasheet
1Mb / 108P
24-Bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56321 FREESCALE-DSP56321 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56301 FREESCALE-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
DSP56L307 FREESCALE-DSP56L307 Datasheet
1Mb / 104P
24-Bit Digital Signal Processor
DSP56321VF200R2 FREESCALE-DSP56321VF200R2 Datasheet
1Mb / 84P
24-Bit Digital Signal Processor
DSP56311VL150R2 FREESCALE-DSP56311VL150R2 Datasheet
1Mb / 96P
24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56301 NXP-DSP56301 Datasheet
2Mb / 124P
24-Bit Digital Signal Processor
Rev. 10
DSP56305 NXP-DSP56305 Datasheet
2Mb / 120P
24-Bit Digital Signal Processor
Rev. 4, 11/2002
DSP56001A NXP-DSP56001A Datasheet
1Mb / 101P
24-BIT DIGITAL SIGNAL PROCESSOR
Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com