Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 4 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 4 Page - Motorola, Inc

  DSP56307/D Datasheet HTML 1Page - Motorola, Inc DSP56307/D Datasheet HTML 2Page - Motorola, Inc DSP56307/D Datasheet HTML 3Page - Motorola, Inc DSP56307/D Datasheet HTML 4Page - Motorola, Inc DSP56307/D Datasheet HTML 5Page - Motorola, Inc DSP56307/D Datasheet HTML 6Page - Motorola, Inc DSP56307/D Datasheet HTML 7Page - Motorola, Inc DSP56307/D Datasheet HTML 8Page - Motorola, Inc DSP56307/D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 156 page
background image
iv
DSP56307 Technical Data
MOTOROLA
DSP56307
Features
Enhanced Filtering Coprocessor (EFCOP)
The on-chip filtering and echo-cancellation coprocessor runs in parallel to the DSP core.
On-Chip Memories
¥
64 K on-chip RAM total
¥
Program RAM, Instruction Cache, X data RAM, and Y data RAM size is programmable:
¥
192 x 24-bit bootstrap ROM
Off-Chip Memory Expansion
¥
Data memory expansion to two 256K
× 24-bit word memory spaces (or up to two
4 M
× 24-bit word memory spaces by using the address attribute AA0ÐAA3 signals)
¥
Program memory expansion to one 256K
× 24-bit words memory space (or up to one
4 M
× 24-bit word memory space by using the address attribute AA0ÐAA3 signals)
¥
External memory expansion port
¥
Chip Select Logic for glueless interface to static random access memory (SRAMs)
¥
On-chip DRAM Controller for glueless interface to dynamic random access memory
(DRAMs)
Program RAM
Size
Instruction
Cache Size
X Data RAM
Size*
Y Data RAM
Size*
Instruction
Cache
Switch
Mode
MSW1 MSW0
16K
× 24-bit
0
24K
× 24-bit
24K
× 24-bit
disabled
disabled
0/1
0/1
1 K
× 24-bit
1024
× 24-bit
24K
× 24-bit
24K
× 24-bit
enabled
disabled
0/1
0/1
48K
× 24-bit
0
8K
× 24-bit
8K
× 24-bit
disabled
enabled
0
0
47K
× 24-bit
1024
× 24-bit
8K
× 24-bit
8K
× 24-bit
enabled
enabled
0
0
40K
× 24-bit
0
12K
× 24-bit
12K
× 24-bit
disabled
enabled
0
1
39K
× 24-bit
1024
× 24-bit
12K
× 24-bit
12K
× 24-bit
enabled
enabled
0
1
32K
× 24-bit
0
16K
× 24-bit
16K
× 24-bit
disabled
enabled
1
0
31K
× 24-bit
1024
× 24-bit
16K
× 24-bit
16K
× 24-bit
enabled
enabled
1
0
24K
× 24-bit
0
20K
× 24-bit
20K
× 24-bit
disabled
enabled
1
1
23K
× 24-bit
1024
× 24-bit
20K
× 24-bit
20K
× 24-bit
enabled
enabled
1
1
*Includes 4K
× 24-bit shared memory (i.e., memory shared by the core and the EFCOP)
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com