Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 20 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 20 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 16Page - Motorola, Inc DSP56307/D Datasheet HTML 17Page - Motorola, Inc DSP56307/D Datasheet HTML 18Page - Motorola, Inc DSP56307/D Datasheet HTML 19Page - Motorola, Inc DSP56307/D Datasheet HTML 20Page - Motorola, Inc DSP56307/D Datasheet HTML 21Page - Motorola, Inc DSP56307/D Datasheet HTML 22Page - Motorola, Inc DSP56307/D Datasheet HTML 23Page - Motorola, Inc DSP56307/D Datasheet HTML 24Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 156 page
background image
1-14
DSP56307 Technical Data
MOTOROLA
Signals/Connections
HI08
Table 1-10
Host Interface
Signal Name
Type
State
During
Reset
Signal Description
H0ÐH7
HAD0ÐHAD7
PB0ÐPB7
Input/
Output
Input/
Output
Input or
Output
Tri-stated
Host Data
ÑWhen the HI08 is programmed to
interface a nonmultiplexed host bus and the HI
function is selected, these signals are lines 0Ð7 of the
data bidirectional, tri-state bus.
Host AddressÑ
When HI08 is programmed to
interface a multiplexed host bus and the HI function
is selected, these signals are lines 0Ð7 of the
address/data bidirectional, multiplexed, tri-state
bus.
Port B 0Ð7
ÑWhen the HI08 is configured as GPIO
through the host port control register (HPCR), these
signals are individually programmed as inputs or
outputs through the HI08 data direction register
(HDDR).
Note:
This signal has a weak keeper to maintain the last state
even if all drivers are tri-stated.
HA0
HAS/HAS
PB8
Input
Input
Input or
Output
Input
Host Address Input 0
ÑWhen the HI08 is
programmed to interface a nonmultiplexed host bus
and the HI function is selected, this signal is line 0 of
the host address input bus.
Host Address StrobeÑ
When HI08 is programmed
to interface a multiplexed host bus and the HI
function is selected, this signal is the host address
strobe (HAS) Schmitt-trigger input. The polarity of
the address strobe is programmable but is
configured active-low (HAS) following reset.
Port B 8
ÑWhen the HI08 is configured as GPIO
through the HPCR, this signal is individually
programmed as an input or output through the
HDDR.
Note:
This signal has a weak keeper to maintain the last state
even if all drivers are tri-stated.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com