Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 47 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 47 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 43Page - Motorola, Inc DSP56307/D Datasheet HTML 44Page - Motorola, Inc DSP56307/D Datasheet HTML 45Page - Motorola, Inc DSP56307/D Datasheet HTML 46Page - Motorola, Inc DSP56307/D Datasheet HTML 47Page - Motorola, Inc DSP56307/D Datasheet HTML 48Page - Motorola, Inc DSP56307/D Datasheet HTML 49Page - Motorola, Inc DSP56307/D Datasheet HTML 50Page - Motorola, Inc DSP56307/D Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 156 page
background image
Specifications
Reset, Stop, Mode Select, and Interrupt Timing
MOTOROLA
DSP56307 Technical Data
2-11
17 Delay from IRQA, IRQB, IRQC, IRQD,
NMI assertion to external memory
access address out valid
¥
Caused by first interrupt
instruction fetch
¥
Caused by first interrupt
instruction execution
4.25
× T
C + 2.0
7.25
× T
C + 2.0
44.5
74.5
Ñ
Ñ
ns
ns
18 Delay from IRQA, IRQB, IRQC, IRQD,
NMI assertion to general-purpose
transfer output valid caused by first
interrupt instruction execution
10
× T
C + 5.0
105.0
Ñ
ns
19 Delay from address output valid caused
by first interrupt instruction execute to
interrupt request deassertion for level
sensitive fast interrupts5,6,7
(WS + 3.75)
× T
C Ð 10.94
Ñ
see
note 8
ns
20 Delay from RD assertion to interrupt
request deassertion for level sensitive
fast interrupts5,6,7
(WS + 3.25)
× T
C Ð 10.94
Ñ
see
note 8
ns
21 Delay from WR assertion to interrupt
request deassertion for level sensitive
fast interrupts5,6,7
¥
DRAM for all WS
¥
SRAM WS = 1
¥
SRAM WS = 2, 3
¥
SRAM WS
≥ 4
(WS + 3.5)
× T
C Ð 10.94
(WS + 3.5)
× T
C Ð 10.94
(WS + 3)
× T
C Ð 10.94
(WS + 2.5)
× T
C Ð 10.94
Ñ
Ñ
Ñ
Ñ
see
note 8
ns
ns
ns
ns
22 Synchronous interrupt setup time from
IRQA, IRQB, IRQC, IRQD, NMI
assertion to the CLKOUT Transition 2
Ñ
5.9
TC
ns
23 Synchronous interrupt delay time from
the CLKOUT Transition 2 to the first
external address output valid caused by
the first instruction fetch after coming
out of Wait Processing state
¥
Minimum
¥
Maximum
9.25
× T
C + 1.0
24.75
× T
C + 5.0
93.5
Ñ
Ñ
252.5
ns
ns
24 Duration for IRQA assertion to recover
from Stop state
Ñ
5.9
Ñ
ns
Table 2-7
Reset, Stop, Mode Select, and Interrupt Timing1 (Continued)
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com