Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 100 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 100 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 96Page - Motorola, Inc DSP56307/D Datasheet HTML 97Page - Motorola, Inc DSP56307/D Datasheet HTML 98Page - Motorola, Inc DSP56307/D Datasheet HTML 99Page - Motorola, Inc DSP56307/D Datasheet HTML 100Page - Motorola, Inc DSP56307/D Datasheet HTML 101Page - Motorola, Inc DSP56307/D Datasheet HTML 102Page - Motorola, Inc DSP56307/D Datasheet HTML 103Page - Motorola, Inc DSP56307/D Datasheet HTML 104Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 156 page
background image
2-64
DSP56307 Technical Data
MOTOROLA
Specifications
ESSI0/ESSI1 Timing
446 TXC rising edge to FST out (bl) high
Ñ
Ñ
Ñ
Ñ
29.0
15.0
x ck
i ck
ns
447 TXC rising edge to FST out (bl) low
Ñ
Ñ
Ñ
Ñ
31.0
17.0
x ck
i ck
ns
448 TXC rising edge to FST out (wr)
high6
ÑÑ
Ñ
Ñ
31.0
17.0
x ck
i ck
ns
449 TXC rising edge to FST out (wr)
low6
ÑÑ
Ñ
Ñ
33.0
19.0
x ck
i ck
ns
450 TXC rising edge to FST out (wl)
high
ÑÑ
Ñ
Ñ
30.0
16.0
x ck
i ck
ns
451 TXC rising edge to FST out (wl) low
Ñ
Ñ
Ñ
Ñ
31.0
17.0
x ck
i ck
ns
452 TXC rising edge to data out enable
from high impedance
ÑÑ
Ñ
Ñ
31.0
17.0
x ck
i ck
ns
453 TXC rising edge to Transmitter #0
drive enable assertion
ÑÑ
Ñ
Ñ
34.0
20.0
x ck
i ck
ns
454 TXC rising edge to data out valid
Ñ
35 + 0.5
× TC
21.0
Ñ
Ñ
40.0
21.0
x ck
i ck
ns
455 TXC rising edge to data out high
impedance7
ÑÑ
Ñ
Ñ
31.0
16.0
x ck
i ck
ns
456 TXC rising edge to Transmitter #0
drive enable deassertion7
ÑÑ
Ñ
Ñ
34.0
20.0
x ck
i ck
ns
457 FST input (bl, wr) setup time before
TXC falling edge6
Ñ
Ñ
2.0
21.0
Ñ
Ñ
x ck
i ck
ns
458 FST input (wl) to data out enable
from high impedance
Ñ
Ñ
Ñ
27.0
—ns
459 FST input (wl) to Transmitter #0
drive enable assertion
Ñ
Ñ
Ñ
31.0
Ñ
ns
460 FST input (wl) setup time before
TXC falling edge
Ñ
Ñ
2.0
21.0
Ñ
Ñ
x ck
i ck
ns
461 FST input hold time after TXC
falling edge
Ñ
Ñ
4.0
0.0
Ñ
Ñ
x ck
i ck
ns
462 Flag output valid after TXC rising
edge
ÑÑ
Ñ
Ñ
32.0
18.0
x ck
i ck
ns
Table 2-21
ESSI Timings (Continued)
No.
Characteristics1, 2, 3
Symbol
Expression
100 MHz Cond-
ition4
Unit
Min Max
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com