Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 38 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 38 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 34Page - Motorola, Inc DSP56307/D Datasheet HTML 35Page - Motorola, Inc DSP56307/D Datasheet HTML 36Page - Motorola, Inc DSP56307/D Datasheet HTML 37Page - Motorola, Inc DSP56307/D Datasheet HTML 38Page - Motorola, Inc DSP56307/D Datasheet HTML 39Page - Motorola, Inc DSP56307/D Datasheet HTML 40Page - Motorola, Inc DSP56307/D Datasheet HTML 41Page - Motorola, Inc DSP56307/D Datasheet HTML 42Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 156 page
background image
2-2
DSP56307 Technical Data
MOTOROLA
Specifications
Thermal Characteristics
THERMAL CHARACTERISTICS
Table 2-1
Maximum Ratings
Rating1
Symbol
Value1, 2
Unit
Supply Voltage:
¥
PLL (VCCP) and Core (VCCQL)
¥
All other (I/O)
VCCx
−0.3 to +3.3
Ð0.3 to +4.0
V
V
All input signal voltages
VIN
GND
− 0.3 to V
CCQH + 0.3
V
Current drain per pin excluding VCC and GND
I
10
mA
Operating temperature range
TJ
−40 to +100
ûC
Storage temperature
TSTG
−55 to +150
ûC
Notes:
1.
GND = 0 V, VCCQL/VCCP = 2.5 V ± 0.2 V, I/O VCC = 3.3 ± 0.3 V, TJ = Ð40°C to +100°C, CL = 50 pF
2.
Absolute maximum ratings are stress ratings only, and functional operation at the maximum is not
guaranteed. Stress beyond the maximum rating may affect device reliability or cause permanent
damage to the device.
Table 2-2
Thermal Characteristics
Characteristic
Symbol
PBGA
Value
PBGA3
Value
Unit
Junction-to-ambient thermal resistance1
RθJA or θJA
51.9
29.0
ûC/W
Junction-to-case thermal resistance2
RθJC or θJC
13.1
Ñ
ûC/W
Thermal characterization parameter
Ψ
JT
2.45
1.68
ûC/W
Notes:
1.
Junction-to-ambient thermal resistance is based on measurements on a horizontal single-sided
printed circuit board per SEMI G38-87 in natural convection. (SEMI is Semiconductor Equipment and
Materials International, 805 East Middlefield Rd., Mountain View, CA 94043, (415) 964-5111)
Measurements were done with parts mounted on thermal test boards conforming to specification
EIA/JESD51-3.
2.
Junction-to-case thermal resistance is based on measurements using a cold plate per SEMI G30-88,
with the exception that the cold plate temperature is used for the case temperature.
3.
The test board has two, 2-ounce signal layers and two 1-ounce solid ground planes internal to the test
board.
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com