Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 70 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 70 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 66Page - Motorola, Inc DSP56307/D Datasheet HTML 67Page - Motorola, Inc DSP56307/D Datasheet HTML 68Page - Motorola, Inc DSP56307/D Datasheet HTML 69Page - Motorola, Inc DSP56307/D Datasheet HTML 70Page - Motorola, Inc DSP56307/D Datasheet HTML 71Page - Motorola, Inc DSP56307/D Datasheet HTML 72Page - Motorola, Inc DSP56307/D Datasheet HTML 73Page - Motorola, Inc DSP56307/D Datasheet HTML 74Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 156 page
background image
2-34
DSP56307 Technical Data
MOTOROLA
Specifications
External Memory Interface (Port A)
180
CAS assertion to WR
deassertion
tWCH
1.5
× T
C − 4.2
70.8
Ñ
45.8
Ñ
ns
181
RAS assertion to WR
deassertion
tWCR
3
× T
C − 4.2
145.8
Ñ
95.8
Ñ
ns
182
WR assertion pulse
width
tWP
4.5
× T
C − 4.5
220.5
Ñ
145.5
Ñ
ns
183
WR assertion to RAS
deassertion
tRWL
4.75
× T
C − 4.3
233.2
Ñ
154.0
Ñ
ns
184
WR assertion to CAS
deassertion
tCWL
4.25
× T
C − 4.3
208.2
Ñ
137.4
Ñ
ns
185
Data valid to CAS
assertion (write)
tDS
2.25
× T
C − 4.0
108.5
Ñ
71.0
Ñ
ns
186
CAS assertion to data
not valid (write)
tDH
1.75
× T
C − 4.0
83.5
Ñ
54.3
Ñ
ns
187
RAS assertion to data
not valid (write)
tDHR
3.25
× T
C − 4.0
158.5
Ñ
104.3
Ñ
ns
188
WR assertion to CAS
assertion
tWCS
3
× T
C − 4.3
145.7
Ñ
95.7
Ñ
ns
189
CAS assertion to RAS
assertion (refresh)
tCSR
0.5
× T
C − 4.0
21.0
Ñ
12.7
Ñ
ns
190
RAS deassertion to CAS
assertion (refresh)
tRPC
1.25
× T
C − 4.0
58.5
Ñ
37.7
Ñ
ns
191
RD assertion to RAS
deassertion
tROH
4.5
× T
C − 4.0
221.0
Ñ
146.0
Ñ
ns
192
RD assertion to data
valid
tGA
4
× T
C − 7.5
Ñ
192.5
Ñ
125.8
ns
193
RD deassertion to data
not valid3
tGZ
Ñ
0.0
Ñ
0.0
Ñ
ns
194
WR assertion to data
active
Ñ
0.75
× T
C − 0.3
37.2
Ñ
24.7
Ñ
ns
195
WR deassertion to data
high impedance
Ñ
0.25
× T
C
Ñ
12.5
Ñ
8.3
ns
Notes:
1.
The number of wait states for out-of-page access is specified in the DCR.
2.
The refresh period is specified in the DCR.
3.
RD deassertion will always occur after CAS deassertion; therefore, the restricted timing is tOFF and not
tGZ.
4.
Reduced DSP clock speed allows use of DRAM out-of-page access with four Wait states
(see Figure 2-17).
Table 2-13
DRAM Out-of-Page and Refresh Timings, Four Wait States1, 2 (Continued)
No.
Characteristics3
Symbol
Expression
20 MHz4
30 MHz4
Unit
Min
Max
Min
Max
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com