Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 41 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 41 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 37Page - Motorola, Inc DSP56307/D Datasheet HTML 38Page - Motorola, Inc DSP56307/D Datasheet HTML 39Page - Motorola, Inc DSP56307/D Datasheet HTML 40Page - Motorola, Inc DSP56307/D Datasheet HTML 41Page - Motorola, Inc DSP56307/D Datasheet HTML 42Page - Motorola, Inc DSP56307/D Datasheet HTML 43Page - Motorola, Inc DSP56307/D Datasheet HTML 44Page - Motorola, Inc DSP56307/D Datasheet HTML 45Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 156 page
background image
Specifications
Internal Clocks
MOTOROLA
DSP56307 Technical Data
2-5
Internal operation frequency
and CLKOUT with PLL disabled
f
Ñ
Ef/2
Ñ
Internal clock and CLKOUT
high period
¥
With PLL disabled
¥
With PLL enabled and
MF
≤ 4
¥
With PLL enabled and
MF > 4
TH
Ñ
0.49
× ET
C ×
PDF
× DF/MF
0.47
× ET
C ×
PDF
× DF/MF
ETC
Ñ
Ñ
Ñ
0.51
× ET
C ×
PDF
× DF/MF
0.53
× ET
C ×
PDF
× DF/MF
Internal clock and CLKOUT low
period
¥
With PLL disabled
¥
With PLL enabled and
MF
≤ 4
¥
With PLL enabled and
MF > 4
TL
Ñ
0.49
× ET
C ×
PDF
× DF/MF
0.47
× ET
C ×
PDF
× DF/MF
ETC
Ñ
Ñ
Ñ
0.51
× ET
C ×
PDF
× DF/MF
0.53
× ET
C ×
PDF
× DF/MF
Internal clock and CLKOUT
cycle time with PLL enabled
TC
ÑETC × PDF ×
DF/MF
Ñ
Internal clock and CLKOUT
cycle time with PLL disabled
TC
Ñ2
× ET
C
Ñ
Instruction cycle time
ICYC
ÑTC
Ñ
Notes:
1.
DF = Division Factor
Ef = External frequency
ETC = External clock cycle
MF = Multiplication Factor
PDF = Predivision Factor
TC = internal clock cycle
2.
See PLL and Clock Generation in the DSP56300 Family Manual for a detailed discussion of the
phase-locked loop.
Table 2-4
Internal Clocks, CLKOUT
Characteristics
Symbol
Expression1, 2
Min
Typ
Max
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com