Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56307/D Datasheet(PDF) 104 Page - Motorola, Inc

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56307/D Datasheet(HTML) 104 Page - Motorola, Inc

Back Button DSP56307/D Datasheet HTML 100Page - Motorola, Inc DSP56307/D Datasheet HTML 101Page - Motorola, Inc DSP56307/D Datasheet HTML 102Page - Motorola, Inc DSP56307/D Datasheet HTML 103Page - Motorola, Inc DSP56307/D Datasheet HTML 104Page - Motorola, Inc DSP56307/D Datasheet HTML 105Page - Motorola, Inc DSP56307/D Datasheet HTML 106Page - Motorola, Inc DSP56307/D Datasheet HTML 107Page - Motorola, Inc DSP56307/D Datasheet HTML 108Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 156 page
background image
2-68
DSP56307 Technical Data
MOTOROLA
Specifications
Timer Timing
TIMER TIMING
Table 2-22
Timer Timing
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
480 TIO Low
2
× T
C + 2.0
22.0
Ñ
ns
481 TIO High
2
× T
C + 2.0
22.0
Ñ
ns
482 Timer setup time from TIO (Input) assertion to
CLKOUT rising edge
Ñ
9.0
10.0
ns
483 Synchronous timer delay time from CLKOUT
rising edge to the external memory access address
out valid caused by first interrupt instruction
execution
10.25
× T
C + 1.0
103.5
Ñ
ns
484 CLKOUT rising edge to TIO (Output) assertion
¥
Minimum
¥
Maximum
0.5
× T
C + 3.5
0.5
× T
C + 19.8
8.5
Ñ
Ñ
24.8
ns
ns
485 CLKOUT rising edge to TIO (Output) deassertion
¥
Minimum
¥
Maximum
0.5
× T
C + 3.5
0.5
× T
C + 19.0
8.5
Ñ
Ñ
24.8
ns
ns
Note:
VCCQL = 2.5 V ± 0.25 V; TJ = Ð40ûC to +100 ûC, CL = 50 pF
Figure 2-37
TIO Timer Event Input Restrictions
Figure 2-38
Timer Interrupt Generation
TIO
481
480
AA0492
CLKOUT
TIO (Input)
First Interrupt Instruction Execution
Address
482
483
AA0493
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com