Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 12Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 13Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 14Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 15Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 16Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 17Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 18Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 19Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 119 page
background image
General Release Specification
Features
MC68HC805K3 — Rev. 1.0
16
General Description
1.3 Features
•
Low-Cost HC05 Core
•
16-Pin PDIP or SOIC Package
•
928 Bytes of User EEPROM (Including Eight Bytes of User
Vectors)
•
64 Bytes of User RAM
•
128 Bits of Personality EEPROM (Not Memory Mapped)
Programmed using User Software or during User EEPROM
Programming
•
On-Chip Charge Pump for In-Circuit Programming of the
Personality EEPROM at 3.0 to 5.5 Vdc.
•
8-Bit Free-Running Timer
•
4-Stage Selectable Real-Time Interrupt Generator
•
10 Bidirectional Input/Output (I/O) Lines Including:
–
8 mA Sink Capability on Four I/O Pins (PA7–PA4)
–
Mask Option Register Bit for Software Programmable
Pulldowns on All I/O Pins
–
Mask Option Register Bit for Port Interrupts on Four I/O Pins
(PA3–PA0) (Keyboard Scan Feature)
•
IRQ Interrupt Hardware Mask, Flag Bit, and Request Bit
•
Mask Option Register Bit for Sensitivity on IRQ Interrupt (Edge-
and Level-Sensitive or Edge-Sensitive Only)
•
On-Chip Oscillator (Mask Option Register Bits for Crystal/Ceramic
Resonator Oscillator with Internal 2 M
Ω Resistor, and 2-Pin or 3-
Pin Resistor Capacitor (RC) Oscillator)
•
Mask Option Register Bit for Reduced Startup Delay Time with RC
Oscillator Options
•
Mask Option Register Bit for Computer Operating Properly (COP)
Watchdog System
•
Power-Saving Stop and Wait Mode Instructions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com