| Electronic Components Datasheet Search |
|
HC805K3GRS/D Datasheet(PDF) 43 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC805K3GRS/D Datasheet(HTML) 43 Page - NXP Semiconductors |
|
43 / 119 page ![]() General Release Specification Hardware Interrupts MC68HC805K3 — Rev. 1.0 Interrupts 43 4.6 Hardware Interrupts All hardware interrupts except RESET are maskable by the I bit in the CCR. If the I bit is set, all hardware interrupts (internal and external) are disabled. Clearing the I bit enables the hardware interrupts. The two types of hardware interrupts are explained in the following sections. 4.6.1 External Interrupt (IRQ) The IRQ pin provides an asynchronous interrupt to the CPU. A block diagram of the IRQ function is shown in Figure 4-3. The IRQ pin is one source of an IRQ interrupt, and a mask option register bit is available to enable the four lower order port A pins (PA0 through PA3) to act as other IRQ interrupt sources. All of these sources are combined into a single ORing function that is latched by the IRQ latch. The IRQ latch is set on the falling edge of the IRQ pin or on the rising edge of a PA0 through PA3 pin, if port A interrupts have been enabled by the mask option register bit. Figure 4-3. IRQ Function Block Diagram LATCH R VDD IRQ PIN IRQE IRQ SENSITIVITY MASK OPTION REGISTER BIT IRQF TO IRQ PROCESSING IN CPU IRQ VECTOR FETCH TO BIH & BIL INSTRUCTION SENSING RST PORT A IRQ MASK OPTION REGISTER BIT PA0 PA1 PA2 PA3 IRQR Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |