Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 37 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 33Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 34Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 35Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 36Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 37Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 38Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 39Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 40Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 119 page
background image
General Release Specification
Registers
MC68HC805K3 — Rev. 1.0
Central Processing Unit Core
37
3.3.1 Stack Pointer (SP)
The stack pointer shown in Figure 3-1 is a 16-bit register internally. In
devices with memory maps less than 64 Kbytes, the unimplemented
upper address lines are ignored. The stack pointer contains the address
of the next free location on the stack. When accessing memory, the 11
most significant bits are permanently set to 00000000111. The five least
significant register bits are appended to these 11 fixed bits to produce an
address within the range of $00FF to $00E0. Subroutines and interrupts
may use up to 32 ($20) locations. If 32 locations are exceeded, the stack
pointer wraps around to $00FF and writes over the previously stored
information.
3.3.2 Program Counter (PC)
The program counter shown in Figure 3-1 is a 16-bit register internally.
The program counter contains the address of the next instruction or
operand to be fetched. The six most significant bits of the program
counter are ignored internally and appear as 000000 when stacked onto
the RAM.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com