| Electronic Components Datasheet Search |
|
HC805K3GRS/D Datasheet(PDF) 44 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC805K3GRS/D Datasheet(HTML) 44 Page - NXP Semiconductors |
|
44 / 119 page ![]() General Release Specification Hardware Interrupts MC68HC805K3 — Rev. 1.0 44 Interrupts If the mask option for edge-sensitive only IRQ is used, only the IRQ latch output can activate an IRQF flag which creates a request to the CPU to generate the IRQ interrupt sequence. This makes the IRQ interrupt sensitive to these cases: • If the port A interrupts are disabled by a mask option register bit, only a falling edge on the IRQ pin initiates an IRQ interrupt. • If the port A interrupts are enabled by a mask option register bit, these conditions initiate an IRQ interrupt: – A falling edge on the IRQ pin with all the PA0 through PA3 pins at a low level – A rising edge on one PA0 through PA3 pin with all other PA0 through PA3 pins at a low level and the IRQ pin at a high level If the mask option register bit for edge- and level-sensitive IRQ is used, the active high state of the IRQ latch input also can activate an IRQF flag, which creates a request to the CPU to generate the IRQ interrupt sequence. This makes the IRQ interrupt sensitive to these cases: • If the port A Interrupts are disabled by a mask option register bit, only these conditions initiate an IRQ interrupt: – A low level on the IRQ pin – Falling edge on the IRQ pin • If the port A interrupts are enabled by a mask option register bit, these conditions initiate an IRQ interrupt: – A low level on the IRQ pin with all the PA0 through PA3 pins at a low level. – Falling edge on the IRQ pin with all the PA0 through PA3 pins at a low level. – High level on any one of the PA0 through PA3 pins with the IRQ pin at a high level. – Rising edge on any PA0 through PA3 pin with all other PA0 through PA3 pins at a low level and the IRQ pin at a high level. The IRQE enable bit controls whether an active IRQF flag can generate an IRQ interrupt sequence. This interrupt is serviced by the interrupt service routine located at the address specified by the contents of $03FA and $03FB. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |