Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 79 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 75Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 76Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 77Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 78Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 79Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 80Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 81Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 82Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 119 page
background image
MC68HC805K3 — Rev. 1.0
Personality EEPROM
79
General Release Specification — MC68HC805K3
Section 9. Personality EEPROM
9.1 Contents
9.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .79
9.3
PEEPROM Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .81
9.3.1
PEEPROM Bit Select Register (PEBSR) . . . . . . . . . . . . . .81
9.3.2
PEEPROM Status/Control Register (PESCR) . . . . . . . . . .82
9.4
PEEPROM Programming . . . . . . . . . . . . . . . . . . . . . . . . . . . . .86
9.2 Introduction
The MC68HC805K3 contains a 128-bit personality EEPROM
(PEEPROM) for storage of variables or user data. These 128 bits are
provided as a simple EEPROM array and control logic that requires
serial reading of the data. The PEEPROM may be accessed via software
programmed into the user EEPROM through two registers that directly
interface with the PEEPROM array. The actual implementation of the
software varies depending on customer requirements. The PEEPROM
array is arranged as 16 bytes (rows) with a separate column select for
each bit (column) in a byte. The column select connects the bit to a
single sense amplifier as shown in the block diagram of the PEEPROM
module in Figure 9-1.
An on-chip charge pump is provided to allow programming and erasure
of the Personality EEPROM if the supply voltage to the VDD pin is at least
3.0 Vdc.
NOTE:
Programming and erasure of the personality EEPROM may only be
performed if VDD > 3.0 Vdc.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com