Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 32Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 33Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 34Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 35Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 36Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 37Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 38Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 39Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 119 page
background image
General Release Specification
Registers
MC68HC805K3 — Rev. 1.0
36
Central Processing Unit Core
3.3 Registers
The MCU contains five registers that are hard-wired within the CPU and
are not part of the memory map. These five registers are shown in
Figure 3-1.
Figure 3-1. M68HC05 Programming Model
For a more complete description of the M68HC05 CPU functions, refer
to
M6805 HMOS, M146805 CMOS Family User’s Manual
(M6805UM(AD3),
HC05 Applications Guide (M68HC05AG/AD), or
Understanding Small Microcontrollers (M68HC05TB/D). Any specific
differences in the operation of all CPU registers or bits is described in the
following sections.
CONDITION CODE REGISTER
I
60
A
71
X
4
52
3
STACK POINTER
SP
14
8
15
9
12
13
10
11
PC
CC
111
11
0
0
0
0
0
0
0
0
HN
Z
C
HALF-CARRY BIT (FROM BIT 3)
INTERRUPT MASK
NEGATIVE BIT
ZERO BIT
CARRY BIT
1
PROGRAM COUNTER
INDEX REGISTER
ACCUMULATOR
000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com