Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 74 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 70Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 71Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 72Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 73Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 74Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 75Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 76Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 77Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 119 page
background image
General Release Specification
Timer Registers
MC68HC805K3 — Rev. 1.0
74
8-Bit Timer
8.3.2 Timer Status/Control Register (TSCR) $08
The TSCR contains the timer interrupt flag, the timer interrupt enable
bits, and the real time interrupt rate select bits. Bit 2 and bit 3 are write-
only bits that read as logical zeros. Figure 8-3 shows the value of each
bit in the TSCR following reset.
TOF — Timer Overflow
The TOF is a read-only flag bit that is set when the 8-bit ripple counter
rolls over from $FF to $00. A timer interrupt request is generated if
TOF is set when TOIE is also set. The TOF flag bit is reset by writing
a logical one to the TOFR acknowledge bit. Writing to the TOF flag bit
has no effect on its value. This bit is cleared by reset.
RTIF — Real Time Interrupt Flag
The RTIF is a read-only flag bit that is set when the output of the
chosen (one-of-four selection) real time interrupt stage goes active. A
timer interrupt request is generated if RTIF is set when RTIE is also
set. The RTIF flag bit is reset by writing a logical one to the RTIFR
acknowledge bit. Writing to the RTIF flag bit has no effect on its value.
This bit is cleared by reset.
TOIE — Timer Overflow Interrupt Enable
The TOIE is an enable bit that allows generation of a timer interrupt.
When the TOIE enable bit is set, the TIMER Interrupt is generated
when the TOF flag bit is set. This bit is cleared by reset.
$08
Bit 7
6543
2
1
Bit 0
Read:
TOF
RTIF
TOIE
RTIE
00
RT1
RT0
Write:
TOFR
RTIFR
Reset:
00000
0
1
1
= Unimplemented
Figure 8-3. Timer Status/Control Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com