| Electronic Components Datasheet Search |
|
HC805K3GRS/D Datasheet(PDF) 51 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC805K3GRS/D Datasheet(HTML) 51 Page - NXP Semiconductors |
|
51 / 119 page ![]() General Release Specification Resets MC68HC805K3 — Rev. 1.0 Resets 51 option register bit selects an oscillator stabilization delay of 16 or 4064 cycles of the internal processor bus clock (PH2). The POR generates the RST signal that resets the CPU. If any other reset function is active at the end of this stabilization delay, the RST signal remains in the reset condition until the other reset condition(s) end(s). 5.4.2 Computer Operating Properly Reset (COPR) A COP watchdog timer can be enabled by a mask option register bit. The internal COP reset (COPR) is generated automatically by a timeout of the COP watchdog timer. This timeout occurs if the counter in the COP watchdog timer is not reset (cleared) within a specific time by a user program reset sequence. Refer to 8.4 COP Watchdog Timer for more information on this timeout feature. The COPR generates the RST signal that resets the CPU and other peripherals. If any other reset function is active at the end of the COPR reset signal, the RST signal remains in the reset condition until the other reset condition(s) end(s). The COP Watchdog reset activates the internal pulldown device connected to the RESET pin for one cycle of the internal processor bus clock, PH2. 5.4.3 Illegal Address Reset (ILADR) The internal ILADR reset is generated when an instruction opcode fetch occurs from an address in the I/O address area ($0000 through $001F). The ILADR generates the RST signal that resets the CPU and other peripherals. If any other reset function is active at the end of the ILADR reset signal, the RST signal remains in the reset condition until the other reset condition(s) end(s). The ILADR reset activates the internal pulldown device connected to the RESET pin for one cycle of the internal processor bus clock, PH2. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |