Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 63 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 59Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 60Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 61Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 62Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 63Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 64Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 65Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 66Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 119 page
background image
General Release Specification
Port B
MC68HC805K3 — Rev. 1.0
Parallel Input/Output
63
logic zero level, the other PA0–PA3 IRQ inputs are effectively ignored.
Port interrupts will be generated with the above PA0–PA3 I/O state
regardless of whether the port is configured as an input or output.
NOTE:
The BIH and BIL instructions apply only to the level on the IRQ pin itself,
and not to the internal IRQ input to the CPU. Therefore, BIH and BIL
cannot be used to test the state of the lower four port A input pins as a
group. Each port A interrupt pin can be tested by reading the port A data
register at $0000.
7.4 Port B
Port B is a 2-bit bidirectional port that shares one of its pins with the RC
oscillator as shown in Figure 7-3. Each port B pin is controlled by the
corresponding bits in a data direction register, a data register, and a
pulldown register.
The port B data register is located at address $0001. The port B data
direction register (DDRB) is located at address $0005, and the port B
pulldown register (PDRB) is located at address $0011. Reset clears both
the DDRB and the PDRB. The port B data register is unaffected by reset.
7.4.1 Port B Data Register
Each port B I/O pin has a corresponding bit in the port B data register.
When a port B pin is programmed as an output, the state of the
corresponding data register bit determines the state of the output pin.
When a port B pin is programmed as an input, any read of the port B data
register returns the logic state of the corresponding I/O pin, and any write
to the port B data register is saved in the data register, but not applied to
the corresponding I/O pin. Unused bits 2 through 7 are always read as
logic zeros, and any write to these bits is ignored. The port B data
register is unaffected by reset. The port B data register is indeterminant
after initial power-up.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com