Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 67 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 63Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 64Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 65Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 66Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 67Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 68Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 69Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 70Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 119 page
background image
General Release Specification
I/O Port Programming
MC68HC805K3 — Rev. 1.0
Parallel Input/Output
67
7.5.2 Output Pin
When an I/O pin is programmed as an output pin, the state of the
corresponding data register bit determines the state of the pin. The state
of the data register bits can be altered by writing to address $0000 for
port A and address $0001 for port B. Reads of the corresponding data
register bit at address $0000 or $0001 return the state of the data
register bit, not the state of the I/O pin itself. Therefore, bit manipulation
is possible on all pins programmed as outputs.
All pins programmed as outputs have their pulldown devices disabled
regardless of the selected mask option register bit for software
programmable pulldowns or the state of their PDR bits.
7.5.3 Input Pin
When an I/O pin is programmed as an input pin, the state of the pin can
be determined by reading the corresponding data register bit. Any writes
to the corresponding data register bit for an input pin is saved by the
register bit, but not applied to the corresponding I/O pin until the pin is
later programmed to be an output.
If the corresponding bit in the pulldown register is clear (and the mask
option register bit for software programmable pulldowns is selected), the
input pin also has an activated pulldown device.
Read-modify-write instructions, such as bit manipulation, should not be
used on the pulldown registers, since they are write-only.
7.5.4 I/O Pin Transitions
A “glitch” can be generated on an I/O pin when changing it from an input
to an output unless the data register is first pre-conditioned to the
desired state before changing the corresponding DDR bit from a zero to
a one.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com