Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 87 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 83Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 84Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 85Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 86Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 87Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 88Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 89Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 90Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 119 page
background image
General Release Specification
PEEPROM Read Access
MC68HC805K3 — Rev. 1.0
Personality EEPROM
87
Reading the PEEPROM is easiest when each row in the PEEPROM
array is mapped to contain one byte of data. Selecting a column zero bit
selects the first bit in the row; and incrementing the PEEPROM bit select
register (PEBSR) selects the next (column 1) bit from the same row.
Incrementing the PEBSR seven more times selects the remaining bits of
the row and carries over to select column zero of the next row, thereby
setting the column zero flag, PEPCZF in the PESCR. The number of
increments per row can be controlled by looping on a test of the PEPCZF
flag bit.
The complete array can be easily accessed by starting with $7F for the
PEBSR and decrementing the PEBSR after each access of the PEDATA
bit. The decrement sequence can end when the contents of the PEBSR
are zero.
NOTE:
One byte of data from the PEEPROM can be re-created in the PEBSR
itself. This can be done if the read routine builds the 8-bit data byte in the
index register or the accumulator and then transfers that result to the
PEBSR when completed. Subsequent reads of the PEBSR quickly yield
that retrieved data byte.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com