Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 19Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 20Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 21Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 22Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 23Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 24Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 25Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 26Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 119 page
background image
General Release Specification
Functional Pin Description
MC68HC805K3 — Rev. 1.0
General Description
23
1.7.2.4 3-Pin RC Oscillator
Another low cost, but more accurate, type of RC oscillator is the 3-pin
configuration utilizing the PB1/OSC3 pin. With this option, a resistor
must be connected between the OSC1 and OSC2 pins and a capacitor
must be connected between the OSC1 and PB1/OSC3 pins, as shown
in Figure 1-3(c). This 3-pin RC oscillator is more accurate than the 2-pin
RC oscillator with respect to temperature, supply voltage, and/or device
processing variations. The signal on the OSC2 and PB1/OSC3 pins is a
square wave and the signal on the OSC1 pin approximates a triangular
wave.
Selection of the 3-bit RC oscillator requires programming two bits in the
mask option register located at $0012. Bit 5 ("RC"), when programmed,
enables the RC oscillator. Bit 6 ("Pin 3"), when programmed along with
bit 5, selects the 3-pin oscillator configuration.
The 3-pin RC oscillator is optimized for operation at 500 kHz. This
oscillator can be used at higher or lower frequencies with degraded
accuracy over temperature, supply voltage, and/or device processing
variations. The internal startup resistor of approximately 2 M
Ω is not
connected between OSC1 and OSC2 when the 3-pin RC oscillator mask
option register bit is selected. The typical external components for a 500-
kHz oscillator are a 20-k
Ω resistor and a 25- to 30-pF capacitor.
NOTE:
Capacitors used with the RC oscillators should have minimal leakage.
Electrolytic or tantalum capacitors should not be used because they
degrade the temperature performance of the oscillator due to excessive
variation in their leakage.
1.7.2.5 External Clock
An external clock from another CMOS-compatible device can be
connected to the OSC1 input, with the OSC2 input not connected, as
shown in Figure 1-3(d). This configuration is possible regardless of
whether the oscillator is set up for crystal/ceramic resonator, 2-pin RC,
or 3-pin RC operation. However, if the 3-pin RC oscillator is selected, the
PB1/OSC3 pin also must be left unconnected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com