Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 33 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 29Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 30Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 31Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 32Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 33Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 34Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 35Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 36Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 119 page
background image
General Release Specification
Mask Option Registers (MOR) $0012 and $0013
MC68HC805K3 — Rev. 1.0
Memory Map
33
COPEN — COP Enable/Disable
READ: Any time
WRITE: In user mode, writing has no effect.
1 = The COP is enabled
0 = The COP is disabled (erased state)
LEVIRQ — Interrupt Request Option
READ: Any time
WRITE: In user mode, writing has no effect.
1 = The IRQ pin is edge and level sensitive
0 = The IRQ pin is edge sensitive (erased state)
PIRQ — Port A IRQ Enable
READ: Any time.
WRITE: In user mode, writing has no effect.
1 = PA3 through PA0 enabled as external interrupt sources
0 = PA3 through PA0 not enabled as external interrupt sources
(erased state)
SWPDI — Software Pulldown Inhibit
READ: Any time
WRITE: In user mode, writing has no effect.
1 = The software pulldown is disabled
0 = The software pulldown is enabled (erased state)
HALT — STOP Conversion to Halt Mode
READ: Any time
WRITE: In user mode, writing has no effect.
1 = The STOP instruction is converted to HALT instruction
0 = STOP instruction is not converted to HALT instruction (erased
state)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com