Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 22 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 18Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 19Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 20Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 21Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 22Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 23Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 24Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 25Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 119 page
background image
General Release Specification
Functional Pin Description
MC68HC805K3 — Rev. 1.0
22
General Description
1.7.2.2 2-Pin Ceramic Resonator Oscillator
In cost-sensitive applications, a ceramic resonator can be used instead
of the crystal. The circuit in Figure 1-3(a) is for a ceramic resonator also.
The resonator manufacturer’s recommendations should be followed,
since the resonator parameters determine the external component
values required for maximum stability and reliable starting. The load
capacitance values used in the oscillator circuit design should include all
stray capacitances. The ceramic resonator and components should be
mounted as close as possible to the pins for startup stabilization and to
minimize output distortion. An internal startup resistor of approximately
2 M
Ω is provided between OSC1 and OSC2 for the crystal/ceramic
resonator oscillator mask option register bit.
1.7.2.3 2-Pin RC Oscillators
The 2-pin RC oscillator configuration can be used for very low-cost
applications. With this option, a resistor must be connected between the
two oscillator pins and a capacitor must be connected from the OSC1 pin
to VSS, as shown in Figure 1-3(b). The signal on the OSC2 pin is a
square wave and the signal on the OSC1 pin approximates a triangular
wave.
The 2-pin RC oscillator is selected by programming bit 5 ("RC") of the
mask option register located at $0012. Bit 6 ("Pin 3") should NOT be
programmed when using the 2-pin oscillator.
The 2-pin RC oscillator is optimized for operation at 500 kHz. This
oscillator can be used at higher or lower frequencies with degraded
accuracy over temperature, supply voltage, and/or device processing
variations. The internal startup resistor of approximately 2 M
Ω is not
connected between OSC1 and OSC2 when the 2-pin RC oscillator mask
option register bit is selected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com