| Electronic Components Datasheet Search |
|
HC805K3GRS/D Datasheet(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC805K3GRS/D Datasheet(HTML) 60 Page - NXP Semiconductors |
|
60 / 119 page ![]() General Release Specification Introduction MC68HC805K3 — Rev. 1.0 60 Parallel Input/Output 7.2 Introduction In single-chip mode, 10 bidirectional input/output (I/O) lines are arranged as one 8-bit I/O port (port A) and one 2-bit I/O port (port B). The individual bits in these ports are programmable as either inputs or outputs under software control by the data direction registers (DDRs). All port A and port B I/O pins have individual software programmable pulldown devices enabled by a mask option register bit. Some port A pins also have the additional properties of sinking higher current or acting as additional IRQ interrupt input sources. One of the port B pins also may be used as an output for a 3-pin resistor capacitor (RC) oscillator option. 7.3 Port A Port A is an 8-bit bidirectional port that shares four of its pins with the IRQ interrupt system, as shown in Figure 7-1. Each port A pin is controlled by the corresponding bits in a data direction register, a data register, and a pulldown register. Figure 7-1. Port A I/O Circuitry WRITE $0010 READ $0000 WRITE $0000 READ $0004 DATA REGISTER BIT TO IRQ INTERRUPT SYSTEM (BITS 0-3 ONLY) I/O PIN OUTPUT MASK OPTION TO INHIBIT SOFTWARE PULLDOWNS INTERNAL HC05 DATA BUS RESET (RST) WRITE $0004 DATA DIRECTION REGISTER BIT PULLDOWN REGISTER BIT VDD Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |