Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC805K3GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC805K3GRS/D
Description  The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC805K3GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC805K3GRS/D Datasheet HTML 67Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 68Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 69Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 70Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 71Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 72Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 73Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 74Page - NXP Semiconductors HC805K3GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 119 page
background image
MC68HC805K3 — Rev. 1.0
8-Bit Timer
71
General Release Specification — MC68HC805K3
Section 8. 8-Bit Timer
8.1 Contents
8.2
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .71
8.3
Timer Registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
8.3.1
Timer Counter Register (TCNTR) $09 . . . . . . . . . . . . . . . .73
8.3.2
Timer Status/Control Register (TSCR) $08. . . . . . . . . . . . .74
8.4
COP Watchdog Timer. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .76
8.5
Operating During Stop Mode . . . . . . . . . . . . . . . . . . . . . . . . . .76
8.2 Introduction
The timer for this device is an 8-bit ripple counter. The features include
timer overflow, power-on reset (POR), real time interrupt, and COP
watchdog timer. This timer is powered down in the stop mode to reduce
STOP IDD.
As shown in Figure 8-1, the timer is driven by the timer clock, NTF1,
divided by four (4). NTF1 has the same phase and frequency as the
processor bus clock, PH2, but is not stopped by the wait or halt modes.
This signal drives an 8-bit ripple counter. The value of this 8-bit ripple
counter can be read by the CPU at any time by accessing the timer
counter register (TCNTR) at address $09. A timer overflow function is
implemented on the last stage of this counter, giving a possible interrupt
at the rate of fOP/1024. Two additional stages produce the POR function
at fOP/4064 or fOP/16, followed by two more stages, with the resulting
clock (fOP/16,384) driving the real time interrupt (RTI) circuit.
The RTI circuit consists of three divider stages with a one-of-four
selector. The output of the RTI circuit is further divided by eight to drive
the optional COP watchdog timer circuit, which can be enabled by a
mask option register bit. The RTI rate selector bits, and the RTI and TOF
enable bits and flags are located in the timer control and status register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com