Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 102 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 98Page - STMicroelectronics SPC574K72E5 Datasheet HTML 99Page - STMicroelectronics SPC574K72E5 Datasheet HTML 100Page - STMicroelectronics SPC574K72E5 Datasheet HTML 101Page - STMicroelectronics SPC574K72E5 Datasheet HTML 102Page - STMicroelectronics SPC574K72E5 Datasheet HTML 103Page - STMicroelectronics SPC574K72E5 Datasheet HTML 104Page - STMicroelectronics SPC574K72E5 Datasheet HTML 105Page - STMicroelectronics SPC574K72E5 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
Electrical characteristics
SPC574Kxx
102/127
DocID023601 Rev 5
3.17.3
FEC timing
3.17.3.1
RMII serial management channel timing (MDIO and MDC)
The FEC functions correctly with a maximum MDC frequency of 2.5 MHz.
9tSUI
CC
D
Data Setup Time for Inputs(2) —
—
10
—
ns
10
tHI
CC
D
Data Hold Time for Inputs(2) —
—
10
—
ns
11
tSUO
CC
D
SOUT Valid Time(2),(3),(4)
(after SCK edge)
Very
Strong
25 pF
—
30
ns
Strong
50 pF
—
30
ns
Medium
50 pF
—
50
ns
12
tHO
CC
D
SOUT Hold Time(2),(3),(4)
(after SCK edge)
Very
Strong
25 pF
2.5
—ns
Strong
50 pF
2.5
—ns
Medium
50 pF
2.5
—ns
1.
DSPI slave operation is only supported for a single master and single slave on the device. Timing is valid for that case only.
2.
Input timing assumes an input slew rate of 1 ns (10% - 90%) and uses TTL / Automotive voltage thresholds.
3.
All timing values for output signals in this table, are measured to 50% of the output voltage.
4.
All output timing is worst case and includes the mismatching of rise and fall times of the output pads.
Table 53. DSPI CMOS Slave timing - Modified Transfer Format (MTFE = 0/1)(1)(Continued)
#
Symbol
C
Characteristic
Condition
Min
Max
Unit
Pad Drive
Load
The FEC provides RMII in the eLQFP176 and FusionQuadpackages. RMII signals can
be configured for either CMOS or TTL signal levels compatible with devices operating at
either 5.0 V or 3.3 V.
Table 54. RMII serial management channel timing(1)(2)
Symbol
C
Characteristic
Value(3)
Unit
Min
Max
M10
CC
D
MDC falling edge to MDIO output invalid
(minimum propagation delay)
-10
—
ns
M11
CC
D
MDC falling edge to MDIO output valid (max
prop delay)
—25
ns
M12
CC
D
MDIO (input) to MDC rising edge setup
10
—
ns
M13
CC
D
MDIO (input) to MDC rising edge hold
10
—
ns
M14
CC
D
MDC pulse width high
40%
60%
MDC period
M15
CC
D
MDC pulse width low
40%
60%
MDC period
1.
All timing specifications are referenced from MDC = 1.4 V (TTL levels) to the valid input and output levels, 0.8 V and 2.0 V
(TTL levels). For 5 V operation, timing is referenced from MDC = 50% to 2.2 V/3.5 V input and output levels.
2.
RMII timing is valid only up to a maximum of 150 oC junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com