Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 103 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 99Page - STMicroelectronics SPC574K72E5 Datasheet HTML 100Page - STMicroelectronics SPC574K72E5 Datasheet HTML 101Page - STMicroelectronics SPC574K72E5 Datasheet HTML 102Page - STMicroelectronics SPC574K72E5 Datasheet HTML 103Page - STMicroelectronics SPC574K72E5 Datasheet HTML 104Page - STMicroelectronics SPC574K72E5 Datasheet HTML 105Page - STMicroelectronics SPC574K72E5 Datasheet HTML 106Page - STMicroelectronics SPC574K72E5 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 127 page
background image
DocID023601 Rev 5
103/127
SPC574Kxx
Electrical characteristics
126
Figure 37. RMII serial management channel timing diagram
3.17.3.2
RMII receive signal timing (RXD[1:0], CRS_DV)
The receiver functions correctly up to a REF_CLK maximum frequency of 50 MHz +1%.
There is no minimum frequency requirement. The system clock frequency must be at least
equal to or greater than the RX_CLK frequency, which is half that of the REF_CLK
frequency.
3.
Output parameters are valid for CL = 25 pF, where CL is the external load to the device. The internal package capacitance
is accounted for, and need not be subtracted from the 25 pF value. Care should be taken to align external load on MDIO
and MDC.
M11
MDC (output)
MDIO (output)
M12
M13
MDIO (input)
M10
M14
M15
Table 55. RMII receive signal timing(1)(2)
Symbol
C
Characteristic
Value
Unit
Min
Max
R1
CC
D
RXD[1:0], CRS_DV to REF_CLK setup
4
—
ns
R2
CC
D
REF_CLK to RXD[1:0], CRS_DV hold
2
—
ns
R3
CC
D
REF_CLK pulse width high
35%
65%
REF_CLK period
R4
CC
D
REF_CLK pulse width low
35%
65%
REF_CLK period
1.
All timing specifications are referenced from REF_CLK = 1.4 V to the valid input levels, 0.8 V and 2.0 V.
2.
RMII timing is valid only up to a maximum of 150 oC junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com