Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 109 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 105Page - STMicroelectronics SPC574K72E5 Datasheet HTML 106Page - STMicroelectronics SPC574K72E5 Datasheet HTML 107Page - STMicroelectronics SPC574K72E5 Datasheet HTML 108Page - STMicroelectronics SPC574K72E5 Datasheet HTML 109Page - STMicroelectronics SPC574K72E5 Datasheet HTML 110Page - STMicroelectronics SPC574K72E5 Datasheet HTML 111Page - STMicroelectronics SPC574K72E5 Datasheet HTML 112Page - STMicroelectronics SPC574K72E5 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 127 page
background image
DocID023601 Rev 5
109/127
SPC574Kxx
Electrical characteristics
126
3.17.6
UART timing
UART channel frequency support is shown in the following table.
3.17.7
I2C timing
The I2C AC timing specifications are provided in the following tables.
Table 60. PSI5 timing
Symbol
C
Parameter
Value
Unit
Min
Max
tMSG_DLY
CC
D
Delay from last bit of frame (CRC0) to assertion
of new message received interrupt
—3
µs
tSYNC_DLY
CC
D
Delay from internal sync pulse to sync pulse
trigger at the SDOUT_PSI5_n pin
—2
µs
tMSG_JIT
CC
D
Delay jitter from last bit of frame (CRC0) to
assertion of new message received interrupt
—
1
cycles(1)
tSYNC_JIT
CC
D
Delay jitter from internal sync pulse to sync
pulse trigger at the SDOUT_PSI5_n pin
—
±(1 PSI5_1µs_CLK +
1 PBRIDGEn_CLK)
cycles
1.
Measured in PSI5 clock cycles (PBRIDGEn_CLK on the device). Minimum PSI5 clock period is 20 ns.
Table 61. UART frequency support
LINFlexD clock frequency
LIN_CLK (MHz)
Oversampling rate
Voting scheme
Max usable frequency
(Mbaud)
80
16
3:1 majority voting
5
810
6
Limited voting on one
sample with configurable
sampling point
13.33
516
420
100
16
3:1 majority voting
6.25
8
12.5
6
Limited voting on one
sample with configurable
sampling point
16.67
520
425
Table 62. I2C input timing specifications — SCL and SDA(1)
No.
Symbol
C
Parameter
Value
Unit
Min
Max
1
—
CC
D
Start condition hold time
2
—
PER_CLK
Cycle(2)
2
—
CC
D
Clock low time
8
—
PER_CLK Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com