Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC574K72E5 Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC574K72E5
Description  32-bit Power Architecture based MCU for automotive applications
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574K72E5 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC574K72E5 Datasheet HTML 106Page - STMicroelectronics SPC574K72E5 Datasheet HTML 107Page - STMicroelectronics SPC574K72E5 Datasheet HTML 108Page - STMicroelectronics SPC574K72E5 Datasheet HTML 109Page - STMicroelectronics SPC574K72E5 Datasheet HTML 110Page - STMicroelectronics SPC574K72E5 Datasheet HTML 111Page - STMicroelectronics SPC574K72E5 Datasheet HTML 112Page - STMicroelectronics SPC574K72E5 Datasheet HTML 113Page - STMicroelectronics SPC574K72E5 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 127 page
background image
Electrical characteristics
SPC574Kxx
110/127
DocID023601 Rev 5
3
—
CC
D
Bus free time between Start and Stop condition
4.7
—
µs
4
—
CC
D
Data hold time
0.0
—
ns
5
—
CC
D
Clock high time
4
—
PER_CLK Cycle
6
—
CC
D
Data setup time
0.0
—
ns
7
—
CC
D
Start condition setup time (for repeated start condition only)
2
—
PER_CLK Cycle
8
—
CC
D
Stop condition setup time
2
—
PER_CLK Cycle
1.
I2C input timing is valid for Automotive and TTL inputs levels, hysteresis enabled, and an input edge rate no slower than
1 ns (10%
– 90%).
2.
PER_CLK is the SoC peripheral clock, which drives the I2C BIU and module clock inputs. See the Clocking chapter in the
device reference manual for more detail.
Table 62. I2C input timing specifications — SCL and SDA(1)(Continued)
No.
Symbol
C
Parameter
Value
Unit
Min
Max
Table 63. I2C output timing specifications — SCL and SDA(1)(2)(3)(4)
No.
Symbol
C
Parameter
Value
Unit
Min
Max
1
—
CC
D
Start condition hold time
6
—
PER_CLK
Cycle(5)
2
—
CC
D
Clock low time
10
—
PER_CLK Cycle
3
—
CC
D
Bus free time between Start and Stop condition
4.7
—
µs
4
—
CC
D
Data hold time
7
—
PER_CLK Cycle
5
—
CC
D
Clock high time
10
—
PER_CLK Cycle
6
—
CC
D
Data setup time
2
—
PER_CLK Cycle
7
—
CC
D
Start condition setup time (for repeated start condition
only)
20
—
PER_CLK Cycle
8
—
CC
D
Stop condition setup time
10
—
PER_CLK Cycle
1.
All output timing is worst case and includes the mismatching of rise and fall times of the output pads.
2.
Output parameters are valid for CL = 25 pF, where CL is the external load to the device (lumped). The internal package
capacitance is accounted for, and does not need to be subtracted from the 25 pF value.
3.
Timing is guaranteed to same drive capabilities for all signals, mixing of pad drives may reduce operating speedsand may
cause incorrect operation.
4.
Programming the IBFD register (I2C bus Frequency Divider) with the maximum frequency results in the minimum output
timings listed. The I2C interface is designed to scale the data transition time, moving it to the middle of the SCL low period.
The actual position is affected by the pre-scale and division values programmed in the IBC field of the IBFD register.
5.
PER_CLK is the SoC peripheral clock, which drives the I2C BIU and module clock inputs. See the Clocking chapter in the
device reference manual for more detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com