Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 26Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 27Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 28Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 29Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 30Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 31Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 32Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 33Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
Universal Asynchronous Receiver/Transmitters (UART0, UART2)
Table 3-12. Universal Asynchronous Receiver/Transmitter (UART) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
UART0
I2C0, BOOT,
UART0 receive
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
R3
I
IPU
Timer0, GPIO,
data
I2C0, Timer0,
UART0 transmit
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
P3
O
IPU
GPIO, BOOT
data
UART0 ready-to-
SPI0_SCS[0]/ UART0_RTS /EQEP0B/GP5[4]/BOOT[4]
9
N4
O
IPU
send output
SPIO, eQEP0,
GPIO, BOOT
UART0 clear-to-
SPI0_ENA/ UART0_CTS /EQEP0A/GP5[3]/BOOT[3]
12
R5
I
IPU
send input
UART2
UART2 receive
UART2_RXD/GP5[12]
7
R4
I
IPU
data
GPIO
UART2 transmit
UART2_TXD/GP5[13]
8
P4
O
IPU
data
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.10 Inter-Integrated Circuit Modules (I2C0, I2C1)
Table 3-13. Inter-Integrated Circuit (I2C) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
I2C0
UART0, Timer0,
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
R3
I/O
IPU
I2C0 serial data
GPIO, BOOT
UART0, Timer0,
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
P3
I/O
IPU
I2C0 serial clock
GPIO, BOOT
I2C1
I2C1_SDA/GP5[6]/BOOT[6]
14
N5
I/O
IPU
I2C1 serial data
GPIO, BOOT
I2C1_SCL/GP5[5]/BOOT[5]
13
P5
I/O
IPU
I2C1 serial clock
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
30
Device Overview
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com