Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 44Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 45Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 46Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 47Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 48Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 49Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 50Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 51Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 151 page
background image
0.1
µF
0.01
µF
50R
1.14V-1.32V
50R
VSS
PLL0_VDDA
PLL0_VSSA
FerriteBead:MurataBLM31PG500SN1L orEquivalent
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
Table 6-3. OSCIN Timing Requirements for Externally Driven Clock
NO
MIN
MAX
UNIT
fOSCIN
OSCIN frequency range (OSCIN)
12
50
MHz
tc(OSCIN)
Cycle time, external clock driven on OSCIN
20
ns
tw(OSCINH)
Pulse width high, external clock on OSCIN
0.4 tc(OSCIN)
ns
tw(OSCINL)
Pulse width low, external clock on OSCIN
0.4 tc(OSCIN)
ns
tt(OSCIN)
Transition time, OSCIN
0.25P or 10(1)
ns
tj(OSCIN)
Period jitter, OSCIN
0.02P
ns
(1)
Whichever is smaller. P = the period of the applied signal. Maintaining transition times as fast as possible is recommended to improve
noise immunity on input signals.
6.6
Clock PLLs
The device has one PLL controller that provides clock to different parts of the system. PLL0 provides
clocks (though various dividers) to most of the components of the device.
The PLL controller provides the following:
•
Glitch-Free Transitions (on changing clock settings)
•
Domain Clocks Alignment
•
Clock Gating
•
PLL power down
The various clock outputs given by the controller are as follows:
•
Domain Clocks: SYSCLK [1:n]
•
Auxiliary Clock from reference clock source: AUXCLK
Various dividers that can be used are as follows:
•
Post-PLL Divider: POSTDIV
•
SYSCLK Divider: D1, ¼, Dn
Various other controls supported are as follows:
•
PLL Multiplier Control: PLLM
•
Software programmable PLL Bypass: PLLEN
6.6.1
PLL Device-Specific Information
The device DSP generates the high-frequency internal clocks it requires through an on-chip PLL.
The PLL requires some external filtering components to reduce power supply noise as shown in Figure 6-
8.
Figure 6-8. PLL External Filtering Components
The input to the PLL is either from the on-chip oscillator or from an external clock on the OSCIN pin. The
PLL outputs seven clocks that have programmable divider options. Figure 6-9 illustrates the PLL
Topology.
48
Peripheral Information and Electrical Specifications
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com