Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 92 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 88Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 89Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 90Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 91Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 92Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 93Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 94Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 95Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
Table 6-39. McASP Registers Accessed Through Peripheral Configuration Port (continued)
McASP0
McASP1
REGISTER NAME
REGISTER DESCRIPTION
BYTE
BYTE
ADDRESS
ADDRESS
0x01D0 0200
0x01D0 4200
XBUF0(1)
Transmit buffer register for serializer 0
0x01D0 0204
0x01D0 4204
XBUF1(1)
Transmit buffer register for serializer 1
0x01D0 0208
0x01D0 4208
XBUF2(1)
Transmit buffer register for serializer 2
0x01D0 020C
0x01D0 420C
XBUF3(1)
Transmit buffer register for serializer 3
0x01D0 0210
0x01D0 4210
XBUF4(1)
Transmit buffer register for serializer 4
0x01D0 0214
0x01D0 4214
XBUF5(1)
Transmit buffer register for serializer 5
0x01D0 0218
0x01D0 4218
XBUF6(1)
Transmit buffer register for serializer 6
0x01D0 021C
0x01D0 421C
XBUF7(1)
Transmit buffer register for serializer 7
0x01D0 0220
0x01D0 4220
XBUF8(1)
Transmit buffer register for serializer 8
0x01D0 0224
0x01D0 4224
XBUF9(1)
Transmit buffer register for serializer 9
0x01D0 0228
0x01D0 4228
XBUF10(1)
Transmit buffer register for serializer 10
0x01D0 022C
0x01D0 422C
XBUF11(1)
Transmit buffer register for serializer 11
0x01D0 0230
0x01D0 4230
XBUF12(1)
Transmit buffer register for serializer 12
0x01D0 0234
0x01D0 4234
XBUF13(1)
Transmit buffer register for serializer 13
0x01D0 0238
0x01D0 4238
XBUF14(1)
Transmit buffer register for serializer 14
0x01D0 023C
0x01D0 423C
XBUF15(1)
Transmit buffer register for serializer 15
0x01D0 0280
0x01D0 4280
RBUF0(2)
Receive buffer register for serializer 0
0x01D0 0284
0x01D0 4284
RBUF1(2)
Receive buffer register for serializer 1
0x01D0 0288
0x01D0 4288
RBUF2(2)
Receive buffer register for serializer 2
0x01D0 028C
0x01D0 428C
RBUF3(2)
Receive buffer register for serializer 3
0x01D0 0290
0x01D0 4290
RBUF4(2)
Receive buffer register for serializer 4
0x01D0 0294
0x01D0 4294
RBUF5(2)
Receive buffer register for serializer 5
0x01D0 0298
0x01D0 4298
RBUF6(2)
Receive buffer register for serializer 6
0x01D0 029C
0x01D0 429C
RBUF7(2)
Receive buffer register for serializer 7
0x01D0 02A0
0x01D0 42A0
RBUF8(2)
Receive buffer register for serializer 8
0x01D0 02A4
0x01D0 42A4
RBUF9(2)
Receive buffer register for serializer 9
0x01D0 02A8
0x01D0 42A8
RBUF10(2)
Receive buffer register for serializer 10
0x01D0 02AC
0x01D0 42AC
RBUF11(2)
Receive buffer register for serializer 11
0x01D0 02B0
0x01D0 42B0
RBUF12(2)
Receive buffer register for serializer 12
0x01D0 02B4
0x01D0 42B4
RBUF13(2)
Receive buffer register for serializer 13
0x01D0 02B8
0x01D0 42B8
RBUF14(2)
Receive buffer register for serializer 14
0x01D0 02BC
0x01D0 42BC
RBUF15(2)
Receive buffer register for serializer 15
(1)
Writes to XRBUF originate from peripheral configuration port only when XBUSEL = 1 in XFMT.
(2)
Reads from XRBUF originate on peripheral configuration port only when RBUSEL = 1 in RFMT.
Table 6-40. McASP Registers Accessed Through DMA Port
HEX
McASP0
McASP1
REGISTER
REGISTER DESCRIPTION
ADDRESS
BYTE ADDRESS
BYTE ADDRESS
NAME
Read
01D0 2000
01D0 6000
RBUF
Receive buffer DMA port address. Cycles through receive serializers,
Accesses
skipping over transmit serializers and inactive serializers. Starts at
the lowest serializer at the beginning of each time slot. Reads from
DMA port only if RBUSEL = 0 in RFMT.
Write
01D0 2000
01D0 6000
XBUF
Transmit buffer DMA port address. Cycles through transmit
Accesses
serializers, skipping over receive and inactive serializers. Starts at
the lowest serializer at the beginning of each time slot. Writes to
DMA port only if XBUSEL = 0 in XFMT.
92
Peripheral Information and Electrical Specifications
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com