Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 94 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 94 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 90Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 91Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 92Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 93Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 94Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 95Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 96Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 97Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 98Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
Table 6-42. McASP0 Timing Requirements(1)(2) (continued)
NO.
MIN
MAX
UNIT
Hold time, AXR0[n] input after ACLKR0 internal(3)
-1.3
Hold time, AXR0[n] input after ACLKX0 internal (4)
-1.3
Hold time, AXR0[n] input after ACLKR0 external input (3)
0.5
8
th(ACLKRX-AXR)
ns
Hold time, AXR0[n] input after ACLKX0 external input (4)
0.5
Hold time, AXR0[n] input after ACLKR0 external output (3)
0.5
Hold time, AXR0[n] input after ACLKX0 external output (4)
0.5
Table 6-43. McASP0 Switching Characteristics(1)
NO.
PARAMETER
MIN
MAX
UNIT
Cycle time, AHCLKR0 internal, AHCLKR0 output
25
Cycle time, AHCLKR0 external, AHCLKR0 output
25
9
tc(AHCLKRX)
ns
Cycle time, AHCLKX0 internal, AHCLKX0 output
25
Cycle time, AHCLKX0 external, AHCLKX0 output
25
Pulse duration, AHCLKR0 internal, AHCLKR0 output
(AHR/2) – 2.5(2)
Pulse duration, AHCLKR0 external, AHCLKR0 output
(AHR/2) – 2.5(2)
10
tw(AHCLKRX)
ns
Pulse duration, AHCLKX0 internal, AHCLKX0 output
(AHX/2) – 2.5(3)
Pulse duration, AHCLKX0 external, AHCLKX0 output
(AHX/2) – 2.5(3)
Cycle time, ACLKR0 internal, ACLKR0 output
greater of 2P or 25(4)
Cycle time, ACLKR0 external, ACLKR0 output
greater of 2P or 25(4)
11
tc(ACLKRX)
ns
Cycle time, ACLKX0 internal, ACLKX0 output
greater of 2P or 25(4)
Cycle time, ACLKX0 external, ACLKX0 output
greater of 2P or 25(4)
Pulse duration, ACLKR0 internal, ACLKR0 output
(AR/2) – 2.5(5)
Pulse duration, ACLKR0 external, ACLKR0 output
(AR/2) – 2.5(5)
12
tw(ACLKRX)
ns
Pulse duration, ACLKX0 internal, ACLKX0 output
(AX/2) – 2.5(6)
Pulse duration, ACLKX0 external, ACLKX0 output
(AX/2) – 2.5(6)
Delay time, ACLKR0 internal, AFSR output(7)
0
5.8
Delay time, ACLKX0 internal, AFSX output
0
5.8
Delay time, ACLKR0 external input, AFSR output (7)
2.5
11.6
13
td(ACLKRX-AFSRX)
ns
Delay time, ACLKX0 external input, AFSX output
2.5
11.6
Delay time, ACLKR0 external output, AFSR output (7)
2.5
11.6
Delay time, ACLKX0 external output, AFSX output
2.5
11.6
Delay time, ACLKX0 internal, AXR0[n] output
0
5.8
14
td(ACLKX-AXRV)
Delay time, ACLKX0 external input, AXR0[n] output
2.5
11.6
ns
Delay time, ACLKX0 external output, AXR0[n] output
2.5
11.6
Disable time, ACLKX0 internal, AXR0[n] output
0
5.8
15
tdis(ACLKX-AXRHZ)
Disable time, ACLKX0 external input, AXR0[n] output
3
11.6
ns
Disable time, ACLKX0 external output, AXR0[n] output
3
11.6
(1)
McASP0 ACLKX0 internal – ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX0 external input – McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX0 external output – McASP0ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR0 internal – McASP0 ACLKR0CTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR0 external input – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR0 external output – McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
AHR - Cycle time, AHCLKR0.
(3)
AHX - Cycle time, AHCLKX0.
(4)
P = SYSCLK2 period
(5)
AR - ACLKR0 period.
(6)
AX - ACLKX0 period.
(7)
McASP0 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR0
94
Peripheral Information and Electrical Specifications
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com