Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 47 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 43Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 44Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 45Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 46Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 47Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 48Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 49Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 50Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 151 page
background image
OSCOUT
OSCIN
OSCVSS
Clock
Input
toPLL
NC
C2
C1
X1
OSCOUT
OSCIN
OSCVSS
ClockInput
toPLL
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
6.5
Crystal Oscillator or External Clock Input
The device includes two choices to provide an external clock input, which is fed to the on-chip PLL to
generate high-frequency system clocks. These options are illustrated in Figure 6-6 and Figure 6-7. For
input clock frequencies between 12 and 20 MHz, a crystal with 80 ohm max ESR is recommended. For
input clock frequencies between 20 and 30 MHz, a crystal with 60 ohm max ESR is recommended.
Typical load capacitance values are 10-20 pF, where the load capacitance is the series combination of C1
and C2.
The CLKMODE bit in the PLLCTL register must be 0 to use the on-chip oscillator. If CLKMODE is set to 1,
the internal oscillator is disabled.
•
Figure 6-6 illustrates the option that uses on-chip 1.2V oscillator with external crystal circuit.
•
Figure 6-7 illustrates the option that uses an external 1.2V clock input.
Figure 6-6. On-Chip 1.2V Oscillator
Table 6-2. Oscillator Timing Requirements
NO
PARAMETER
MIN
MAX
UNIT
fosc
Oscillator frequency range (OSCIN/OSCOUT)
12
30
MHz
Figure 6-7. External 1.2V Clock Source
Copyright © 2009–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
47
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com