Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 77 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 73Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 74Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 75Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 76Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 77Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 78Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 79Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 80Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
Table 6-25. MPU1 Registers (continued)
BYTE ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
0x01E1 4308
FLTCLR
Fault clear
0x01E1 430C - 0x01E1 4FFF
-
Reserved
Table 6-26. MPU2 Registers
BYTE ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
0x01E1 5000
REVID
Revision ID
0x01E1 5004
CONFIG
Configuration
0x01E1 5010
IRAWSTAT
Interrupt raw status/set
0x01E1 5014
IENSTAT
Interrupt enable status/clear
0x01E1 5018
IENSET
Interrupt enable
0x01E1 501C
IENCLR
Interrupt enable clear
0x01E1 5020 - 0x01E1 51FF
-
Reserved
0x01E1 5200
PROG1_MPSAR
Programmable range 1, start address
0x01E1 5204
PROG1_MPEAR
Programmable range 1, end address
0x01E1 5208
PROG1_MPPA
Programmable range 1, memory page protection attributes
0x01E1 520C - 0x01E1 520F
-
Reserved
0x01E1 5210
PROG2_MPSAR
Programmable range 2, start address
0x01E1 5214
PROG2_MPEAR
Programmable range 2, end address
0x01E1 5218
PROG2_MPPA
Programmable range 2, memory page protection attributes
0x01E1 521C - 0x01E1 521F
-
Reserved
0x01E1 5220
PROG3_MPSAR
Programmable range 3, start address
0x01E1 5224
PROG3_MPEAR
Programmable range 3, end address
0x01E1 5228
PROG3_MPPA
Programmable range 3, memory page protection attributes
0x01E1 522C - 0x01E1 522F
-
Reserved
0x01E1 5230
PROG4_MPSAR
Programmable range 4, start address
0x01E1 5234
PROG4_MPEA
Programmable range 4, end address
0x01E1 5238
PROG4_MPPA
Programmable range 4, memory page protection attributes
0x01E1 523C - 0x01E1 523F
-
Reserved
0x01E1 5240
PROG5_MPSAR
Programmable range 5, start address
0x01E1 5244
PROG5_MPEAR
Programmable range 5, end address
0x01E1 5248
PROG5_MPPA
Programmable range 5, memory page protection attributes
0x01E1 524C - 0x01E1 524F
-
Reserved
0x01E1 5250
PROG6_MPSAR
Programmable range 6, start address
0x01E1 5254
PROG6_MPEAR
Programmable range 6, end address
0x01E1 5258
PROG6_MPPA
Programmable range 6, memory page protection attributes
0x01E1 525C - 0x01E1 525F
-
Reserved
0x01E1 5260
PROG7_MPSAR
Programmable range 7, start address
0x01E1 5264
PROG7_MPEAR
Programmable range 7, end address
0x01E1 5268
PROG7_MPPA
Programmable range 7, memory page protection attributes
0x01E1 526C - 0x01E1 526F
-
Reserved
0x01E1 5270
PROG8_MPSAR
Programmable range 8, start address
0x01E1 5274
PROG8_MPEAR
Programmable range 8, end address
0x01E1 5278
PROG8_MPPA
Programmable range 8, memory page protection attributes
0x01E1 527C - 0x01E1 527F
-
Reserved
0x01E1 5280
PROG9_MPSAR
Programmable range 9, start address
0x01E1 5284
PROG9_MPEAR
Programmable range 9, end address
0x01E1 5288
PROG9_MPPA
Programmable range 9, memory page protection attributes
Copyright © 2009–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
77
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com