Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 29Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 30Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 31Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 32Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 33Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 34Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 35Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 36Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
3.6.13 Ethernet Media Access Controller (EMAC)
Table 3-16. Ethernet Media Access Controller (EMAC) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
RMII
McASP0, GPIO,
EMAC 50-MHz clock
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
A4
I/O
IPD
BOOT
input or output
AXR0[6]/RMII_RXER/GP3[6]
118
D7
I
IPD
EMAC RMII receiver error
AXR0[5]/RMII_RXD[1]/GP3[5]
117
C7
I
IPD
EMAC RMII receive data
AXR0[4]/RMII_RXD[0]/GP3[4]
116
B7
I
IPD
EMAC RMII carrier sense
AXR0[3]/RMII_CRS_DV/GP3[3]
115
A7
I
IPD
McASP0, GPIO
data valid
EMAC RMII transmit
AXR0[2]/RMII_TXEN/GP3[2]
113
D8
O
IPD
enable
AXR0[1]/RMII_TXD[1]/GP3[1]
112
C8
O
IPD
EMAC RMII trasmit data
AXR0[0]/RMII_TXD[0]/GP3[0]
111
B8
O
IPD
MDIO
AXR0[8]/MDIO_D/GP3[8]
121
B6
I/O
IPU
MDIO serial data
McASP0, GPIO
AXR0[7]/MDIO_CLK/GP3[7]
120
A6
O
IPD
MDIO data clock
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.14 Multimedia Card/Secure Digital (MMC/SD)
Table 3-17. Multimedia Card/Secure Digital (MMC/SD) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
EMA_A[1]/MMCSD_CLK/GP1[1]
30
R9
O
IPU
MMCSD_CLK
EMIFA, GPIO
EMA_A[2]/MMCSD_CMD/GP1[2]
31
P9
I/O
IPU
MMCSD_CMD
EMA_D[7]/MMCSD_DAT[7]/GP0[7]/BOOT[13]
54
M15
I/O
IPU
EMIFA, GPIO, BOOT
EMA_D[6]/MMCSD_DAT[6]/GP0[6]
52
N13
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/GP0[5]
51
N15
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/GP0[4]
49
P13
I/O
IPU
EMIFA, GPIO
MMC/SD data
EMA_D[3]/MMCSD_DAT[3]/GP0[3]
48
P15
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/GP0[2]
46
R13
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/GP0[1]
45
R15
I/O
IPU
EMA_D[0]/MMCSD_DAT[0]/GP0[0]/BOOT[12]
44
T13
I/O
IPU
EMIFA, GPIO, BOOT
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2009–2014, Texas Instruments Incorporated
Device Overview
33
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com