Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 30Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 31Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 32Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 33Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 34Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 35Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 36Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 37Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
3.6.15 General-Purpose IO Only Terminal Functions
Table 3-18. General-Purpose IO Only Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
GP0[15]
-
M16
I/O/Z
IPD
GP0[14]
-
N14
I/O/Z
IPD
GP0[13]
-
N16
I/O/Z
IPD
GP0[12]
-
P14
I/O/Z
IPD
GP0[11]
-
P16
I/O/Z
IPD
GP0[10]
-
R14
I/O/Z
IPD
None
General-Purpose IO
GP0[9]
-
T14
I/O/Z
IPD
GP0[8]
-
N12
I/O/Z
IPD
GP5[11]
6
-
I/O/Z
IPD
GP5[10]
4
-
I/O/Z
IPD
GP7[14](3)
157
K1
I/O
IPD
EMU0/GP7[15]
-
J5
I/O
IPD
Emulation
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
(3)
GP7[14] is initially configured as a reserved function after reset and will not be in a predictable state. This signal will be stable only after
the GPIO configuration for this pin has been completed. Users should carefully consider the system implications of this pin being in an
unknown state after reset.
3.6.16 Reserved and No Connect Terminal Functions
Table 3-19. Reserved and No Connect Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
DESCRIPTION
PTP
ZKB
Reserved. (Leave unconnected, do not connect to power or
RSV1
-
F7
-
ground.)
Reserved. For proper device operation, this pin must be tied
RSV2
133
B1
PWR
either directly to CVDD or left unconnected (do not connect to
ground).
Reserved. For proper device operation, this pin must be tied
RSV3
149
-
PWR
directly to CVDD.
Reserved. For proper device operation, this pin must be tied low
RSV4
148
H1
I
or to CVDD.
A12, A13, A14, B13,
B14, C1, C2, C3, D2,
D3, E3, E4, E14, E15,
134, 135,
F14, F15, G14, G15, H2,
137, 138,
-
No Connect (leave unconnected)
H5, H14, H15, J14, K13,
NC
140
K16, L4, L14, L15, L16,
M1, M14, N3, N7, P12,
R12, T4, T8, T12
136, 139
F3, H4,
-
This pin may be left unconnected or connected to VSS.
(1)
PWR = Supply voltage.
34
Device Overview
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com