Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 8Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 9Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 10Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 11Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 12Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 13Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 14Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 15Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
3.3.2
DSP Memory Mapping
The DSP memory map is shown in Section 3.4.
3.3.2.1
External Memories
The DSP has access to the following External memories:
•
Asynchronous EMIF / NAND / NOR Flash (EMIFA)
•
SDRAM (EMIFB)
3.3.2.2
DSP Internal Memories
The DSP has access to the following DSP memories:
•
L2 RAM
•
L1P RAM
•
L1D RAM
3.3.2.3
C674x CPU
The C674x core uses a two-level cache-based architecture. The Level 1 Program cache (L1P) is 32 KB
direct mapped cache and the Level 1 Data cache (L1D) is 32 KB 2-way set associated cache. The Level 2
memory/cache (L2) consists of a 128 KB memory space that is shared between program and data space.
L2 memory can be configured as mapped memory, cache, or a combination of both.
Table 3-1 shows a memory map of the C674x CPU cache registers for the device.
Table 3-1. C674x Cache Registers
HEX ADDRESS RANGE
REGISTER NAME
DESCRIPTION
L2 Cache configuration register (See the Technical Reference Manual
0x0184 0000
L2CFG
SPRUH90 for reset configuration)
L1P Size Cache configuration register (See the Technical Reference
0x0184 0020
L1PCFG
Manual SPRUH90 for reset configuration)
0x0184 0024
L1PCC
L1P Freeze Mode Cache configuration register
L1D Size Cache configuration register (See the Technical Reference
0x0184 0040
L1DCFG
Manual SPRUH90 for reset configuration)
0x0184 0044
L1DCC
L1D Freeze Mode Cache configuration register
0x0184 0048 - 0x0184 0FFC
-
Reserved
0x0184 1000
EDMAWEIGHT
L2 EDMA access control register
0x0184 1004 - 0x0184 1FFC
-
Reserved
0x0184 2000
L2ALLOC0
L2 allocation register 0
0x0184 2004
L2ALLOC1
L2 allocation register 1
0x0184 2008
L2ALLOC2
L2 allocation register 2
0x0184 200C
L2ALLOC3
L2 allocation register 3
0x0184 2010 - 0x0184 3FFF
-
Reserved
0x0184 4000
L2WBAR
L2 writeback base address register
0x0184 4004
L2WWC
L2 writeback word count register
0x0184 4010
L2WIBAR
L2 writeback invalidate base address register
0x0184 4014
L2WIWC
L2 writeback invalidate word count register
0x0184 4018
L2IBAR
L2 invalidate base address register
0x0184 401C
L2IWC
L2 invalidate word count register
0x0184 4020
L1PIBAR
L1P invalidate base address register
0x0184 4024
L1PIWC
L1P invalidate word count register
0x0184 4030
L1DWIBAR
L1D writeback invalidate base address register
0x0184 4034
L1DWIWC
L1D writeback invalidate word count register
12
Device Overview
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com