Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 35 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 31Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 32Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 33Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 34Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 35Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 36Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 37Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 38Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
3.6.17 Supply and Ground Terminal Functions
Table 3-20. Supply and Ground Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
DESCRIPTION
PTP
ZKB
F6, G1, G6, G7, G10,
10, 20, 28, 38, 50, 56,
G11, H7, H10, H11, J6,
CVDD (Core supply)
61, 69, 77, 93, 104,
PWR
1.2-V core supply voltage pins
J7, J10, J11, J12, K6,
114, 147, 154, 161, 167
K7, K10, K11, L6
1.2V internal ram supply voltage
RVDD (Internal RAM supply)
67, 159
H6, H12
PWR
pins
5, 15, 24, 33, 43, 47,
B16, E5, E8, E9, E12,
53, 58, 65, 71, 75, 81,
F5, F11, F12, G5, G12,
DVDD (I/O supply)
87, 90, 99, 109, 119,
K5, K12, L5, L11, L12,
PWR
3.3-V I/O supply voltage pins.
128, 151, 158, 164,
M5, M8, M9, M12, R1,
172,
R16
A1, A2, A3, A15, A16,
B2, B3, E6, E7, E10,
E11, F4, F8, F9, F10,
G2, G4, G8, G9, H8,
VSS (Ground)
177
GND
Ground pins.
H9, J8, J9, K8, K9, L7,
L8, L9, L10, M6, M7,
M10, M11, T1, T2, T15,
T16
(1)
PWR = Supply voltage, GND - Ground.
Copyright © 2009–2014, Texas Instruments Incorporated
Device Overview
35
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com