Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 27Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 28Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 29Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 30Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 31Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 32Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 33Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 34Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
3.6.11 Timers
Table 3-14. Timers Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
TIMER0
UART0_RXD/I2C0_SDA/TM64P0_IN12/GP5[8]/BOOT[8]
2
R3
I
IPU
Timer0 lower input
UART0, I2C0,
Timer0 lower
GPIO, BOOT
UART0_TXD/I2C0_SCL/TM64P0_OUT12/GP5[9]/BOOT[9]
3
P3
O
IPU
output
TIMER1 (Watchdog )
No external pins. The Timer1 peripheral pins are not pinned out as external pins.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.12 Multichannel Audio Serial Ports (McASP0, McASP1)
Table 3-15. Multichannel Audio Serial Ports (McASPs) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
ZKB
McASP0
EMA_OE/AXR0[13]/GP2[7]
22
R7
I/O
IPU
EMIFA, GPIO
EMA_WE/AXR0[12]/GP2[3]/BOOT[14]
55
M13
I/O
IPU
EMIFA, GPIO, BOOT
AXR0[11]/ GP3[11]
124
A5
I/O
IPD
GPIO
AXR0[10]/GP3[10]
123
D6
I/O
IPD
GPIO
AXR0[9]/GP3[9]
122
C6
I/O
IPD
GPIO
AXR0[8]/MDIO_D/GP3[8]
121
B6
I/O
IPU
MDIO, GPIO
AXR0[7]/MDIO_CLK/GP3[7]
120
A6
I/O
IPD
McASP0 serial data
AXR0[6]/RMII_RXER/GP3[6]
118
D7
I/O
IPD
AXR0[5]/RMII_RXD[1]/GP3[5]
117
C7
I/O
IPD
AXR0[4]/RMII_RXD[0]/GP3[4]
116
B7
I/O
IPD
AXR0[3]/RMII_CRS_DV/GP3[3]
115
A7
I/O
IPD
EMAC, GPIO
AXR0[2]/RMII_TXEN/GP3[2]
113
D8
I/O
IPD
AXR0[1]/RMII_TXD[1]/GP3[1]
112
C8
I/O
IPD
AXR0[0]/RMII_TXD[0]/GP3[0]
111
B8
I/O
IPD
McASP0 transmit
AHCLKX0/GP2[11]
125
B5
I/O
IPD
GPIO
master clock
McASP0 transmit bit
ACLKX0/ECAP0/APWM0/GP2[12]
126
C5
I/O
IPD
eCAP0, GPIO
clock
McASP0 transmit
AFSX0/GP2[13]/BOOT[10]
127
D5
I/O
IPD
GPIO, BOOT
frame sync
McASP0 receive
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
A4
I/O
IPD
EMAC, GPIO, BOOT
master clock
McASP0 receive bit
ACLKR0/ECAP1/APWM1/GP2[15]
130
B4
I/O
IPD
eCAP1, GPIO
clock
McASP0 receive frame
AFSR0/GP3[12]
131
C4
I/O
IPD
GPIO
sync
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for
that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2009–2014, Texas Instruments Incorporated
Device Overview
31
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com