Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 37Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 38Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 39Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 40Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 41Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 42Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 43Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 44Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
5.4
Notes on Recommended Power-On Hours (POH)
The information in the section below is provided solely for your convenience and does not extend or
modify the warranty provided under TI’s standard terms and conditions for TI semiconductor products.
To avoid significant degradation, the device power-on hours (POH) must be limited to the following:
Table 5-1. Recommended Power-On Hours
SILICON
OPERATING JUNCTION
POWER-ON HOURS [POH]
SPEED GRADE
NOMINAL CVDD VOLTAGE (V)
REVISION
TEMPERATURE (Tj)
(HOURS)
D
300 MHZ
0 to 90 °C
1.2V
100,000
D
200 MHZ
0 to 90 °C
1.2V
100,000
D
200 MHZ
-40 to 125 °C
1.2V
20,000
D
375 MHz
0 to 90 °C
1.2V
100,000
D
375 MHZ
-40 to 125 °C
1.2V
20,000
Note: Logic functions and parameter values are not assured out of the range specified in the recommended
operating conditions.
The above notations cannot be deemed a warranty or deemed to extend or modify the warranty under
TI’s standard terms and conditions for TI semiconductor products.
Copyright © 2009–2014, Texas Instruments Incorporated
Device Operating Conditions
41
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com