| Electronic Components Datasheet Search |
|
TMS320C6743CPTP2 Datasheet(PDF) 71 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320C6743CPTP2 Datasheet(HTML) 71 Page - Texas Instruments |
|
71 / 151 page ![]() TMS320C6743 www.ti.com SPRS565D – APRIL 2009 – REVISED JUNE 2014 6.11.2 Interfacing to SDRAM The EMIFB supports a glueless interface to SDRAM devices with the following characteristics: • Pre-charge bit is A[10] • Supports 8, 9, 10 or 11 column address bits. • Supports up to 13 row address bits is 13. • Supports 1, 2 or 4 internal banks. Table 6-20 shows the supported SDRAM configurations for EMIFB. Table 6-20. EMIFB Supported SDRAM Configurations(1) SDRAM Memory Memory Number of EMIFB Data Total Memory Total Memory Data Rows Columns Banks Density Memories Bus Size (Mbits) (Mbytes) Bus Width (Mbits) (bits) 1 16 13 8 1 32 4 32 1 16 13 8 2 64 8 64 1 16 13 8 4 128 16 128 1 16 13 9 1 64 8 64 1 16 13 9 2 128 16 128 1 16 13 9 4 256 32 256 16 1 16 13 10 1 128 16 128 1 16 13 10 2 256 32 256 1 16 13 10 4 512 64 512 1 16 13 11 1 256 32 256 1 16 13 11 2 512 64 512 1 16 13 11 4 1024 128 1024 2 16 13 8 1 32 4 16 2 16 13 8 2 64 8 32 2 16 13 8 4 128 16 64 2 16 13 9 1 64 8 32 2 16 13 9 2 128 16 64 2 16 13 9 4 256 32 128 8 2 16 13 10 1 128 16 64 2 16 13 10 2 256 32 128 2 16 13 10 4 512 64 256 2 16 13 11 1 256 32 128 2 16 13 11 2 512 64 256 2 16 13 11 4 1024 128 512 (1) The shaded cells indicate configurations that are possible on the EMIFB interface but as of this writing SDRAM memories capable of supporting these densities are not available in the market. Figure 6-18 shows an interface between the EMIFB and a 2M × 16 × 4 bank SDRAM device. In addition, and shows an interface between the EMIFB and two 4M × 16 × 4 bank SDRAM devices. Refer to Table 6- 21, as an example that shows additional list of commonly-supported SDRAM devices and the required connections for the address pins. Note that in Table 6-21, page size/column size (not indicated in the table) is varied to get the required addressability range. Copyright © 2009–2014, Texas Instruments Incorporated Peripheral Information and Electrical Specifications 71 Submit Documentation Feedback Product Folder Links: TMS320C6743 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |