Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 78 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 78 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 74Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 75Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 76Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 77Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 78Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 79Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 80Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 81Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
Table 6-26. MPU2 Registers (continued)
BYTE ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
0x01E1 528C - 0x01E1 528F
-
Reserved
0x01E1 5290
PROG10_MPSAR
Programmable range 10, start address
0x01E1 5294
PROG10_MPEAR
Programmable range 10,end address
0x01E1 5298
PROG10_MPPA
Programmable range 10, memory page protection attributes
0x01E1 529C - 0x01E1 529F
-
Reserved
0x01E1 52A0
PROG11_MPSAR
Programmable range 11, start address
0x01E1 52A4
PROG11_MPEAR
Programmable range 11, end address
0x01E1 52A8
PROG11_MPPA
Programmable range 11, memory page protection attributes
0x01E1 52AC - 0x01E1 52AF
-
Reserved
0x01E1 52B0
PROG12_MPSAR
Programmable range 12, start address
0x01E1 52B4
PROG12_MPEAR
Programmable range 12, end address
0x01E1 52B8
PROG12_MPPA
Programmable range 12, memory page protection attributes
0x01E1 52BC - 0x01E1 52FF
-
Reserved
0x01E1 5300
FLTADDRR
Fault address
0x01E1 5304
FLTSTAT
Fault status
0x01E1 5308
FLTCLR
Fault clear
0x01E1 530C - 0x01E1 5FFF
-
Reserved
78
Peripheral Information and Electrical Specifications
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com