Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 87 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 87 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 83Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 84Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 85Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 86Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 87Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 88Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 89Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 90Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 151 page
background image
TMS320C6743
www.ti.com
SPRS565D – APRIL 2009 – REVISED JUNE 2014
6.15 Management Data Input/Output (MDIO)
The Management Data Input/Output (MDIO) module continuously polls all 32 MDIO addresses in order to
enumerate all PHY devices in the system.
The Management Data Input/Output (MDIO) module implements the 802.3 serial management interface to
interrogate and control Ethernet PHY(s) using a shared two-wire bus. Host software uses the MDIO
module to configure the auto-negotiation parameters of each PHY attached to the EMAC, retrieve the
negotiation results, and configure required parameters in the EMAC module for correct operation. The
module is designed to allow almost transparent operation of the MDIO interface, with very little
maintenance from the core processor. Only one PHY may be connected at any given time. See the
TMS320C674x/OMAP-L1x Processor Peripherals Overview Reference Guide (SPRUFK9) for more
details.
6.15.1 MDIO Peripheral Register Description(s)
For a list of supported MDIO registers see Table 6-35 [MDIO Registers].
Table 6-35. MDIO Register Memory Map
BYTE ADDRESS
REGISTER NAME
REGISTER DESCRIPTION
0x01E2 4000
REV
Revision Identification Register
0x01E2 4004
CONTROL
MDIO Control Register
0x01E2 4008
ALIVE
MDIO PHY Alive Status Register
0x01E2 400C
LINK
MDIO PHY Link Status Register
0x01E2 4010
LINKINTRAW
MDIO Link Status Change Interrupt (Unmasked) Register
0x01E2 4014
LINKINTMASKED
MDIO Link Status Change Interrupt (Masked) Register
0x01E2 4018
–
Reserved
0x01E2 4020
USERINTRAW
MDIO User Command Complete Interrupt (Unmasked) Register
0x01E2 4024
USERINTMASKED
MDIO User Command Complete Interrupt (Masked) Register
0x01E2 4028
USERINTMASKSET
MDIO User Command Complete Interrupt Mask Set Register
0x01E2 402C
USERINTMASKCLEAR
MDIO User Command Complete Interrupt Mask Clear Register
0x01E2 4030 - 0x01E2 407C
–
Reserved
0x01E2 4080
USERACCESS0
MDIO User Access Register 0
0x01E2 4084
USERPHYSEL0
MDIO User PHY Select Register 0
0x01E2 4088
USERACCESS1
MDIO User Access Register 1
0x01E2 408C
USERPHYSEL1
MDIO User PHY Select Register 1
0x01E2 4090 - 0x01E2 47FF
–
Reserved
6.15.2 Management Data Input/Output (MDIO) Electrical Data/Timing
Table 6-36. Timing Requirements for MDIO Input (see Figure 6-26 and Figure 6-27)
NO.
MIN
MAX
UNIT
1
tc(MDIO_CLK)
Cycle time, MDIO_CLK
400
ns
2
tw(MDIO_CLK)
Pulse duration, MDIO_CLK high/low
180
ns
3
tt(MDIO_CLK)
Transition time, MDIO_CLK
5
ns
4
tsu(MDIO-MDIO_CLKH)
Setup time, MDIO_D data input valid before MDIO_CLK high
10
ns
5
th(MDIO_CLKH-MDIO)
Hold time, MDIO_D data input valid after MDIO_CLK high
0
ns
Copyright © 2009–2014, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
87
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com