Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320C6743CPTP2 Datasheet(PDF) 44 Page - Texas Instruments

Part # TMS320C6743CPTP2
Description  Fixed- and Floating-Point Digital Signal Processor
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6743CPTP2 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TMS320C6743CPTP2 Datasheet HTML 40Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 41Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 42Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 43Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 44Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 45Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 46Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 47Page - Texas Instruments TMS320C6743CPTP2 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 151 page
background image
TMS320C6743
SPRS565D – APRIL 2009 – REVISED JUNE 2014
www.ti.com
6.2
Recommended Clock and Control Signal Transition Behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.
6.3
Power Supplies
6.3.1
Power-On Sequence
The device should be powered-on in the following order:
1. Logic supplies:
(a) CVDD core logic supply
(b) Other static logic supplies (RVDD, PLL0_VDDA).
Groups 1a) and 1b) may be powered up together; or 1a) first, followed by 1b).
2. All digital IO supplies (DVDD).
There is no specific required voltage ramp rate for any of the supplies.
Note: Future devices may support higher performance at a higher core logic voltage (CVDD). If future
migration is desired, the current design should provide separate supplies for 1a) and 1b). If not, then 1a)
and 1b) may be provided by a single supply.
RESET must be maintained active until all power supplies have reached their nominal values.
6.3.2
Power-Off Sequence
The power supplies can be powered-off in any order as long as the 3.3V supplies do not remain powered
with the other supplies unpowered.
44
Peripheral Information and Electrical Specifications
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320C6743



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com