Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 49Page - STMicroelectronics L99DZ120 Datasheet HTML 50Page - STMicroelectronics L99DZ120 Datasheet HTML 51Page - STMicroelectronics L99DZ120 Datasheet HTML 52Page - STMicroelectronics L99DZ120 Datasheet HTML 53Page - STMicroelectronics L99DZ120 Datasheet HTML 54Page - STMicroelectronics L99DZ120 Datasheet HTML 55Page - STMicroelectronics L99DZ120 Datasheet HTML 56Page - STMicroelectronics L99DZ120 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 162 page
background image
DocID029145 Rev 4
53/162
L99DZ120
Electrical specifications
161
3.4.23
Inputs DIR, DIRH, PWMH
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V; Tj = -40 °C to 150 °C.
3.4.24
Debug input
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V; Tj = -40 °C to 150 °C.
3.4.25
ADC characteristics
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V ≤ VSREG ≤ 18 V, Tj = -40 °C to 150 °C.
Table 37. Inputs DIR, DIRH, PWMH
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Input voltage low level
VSREG = 13.5 V
1
V
VIH
Input voltage high level
VSREG = 13.5 V
2.3
V
VIHYS
Input hysteresis
VSREG = 13.5 V
0.2
V
Iin
Input pull-down current
VSREG = 13.5 V
5
30
60
µA
Table 38. Debug input
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VdIL
Input voltage low level
VSREG = 13.5 V
1
V
VdIH
Input voltage high level
VSREG = 13.5 V
2.3
V
VdIHYS
Input hysteresis
VSREG = 13.5 V
0.2
V
Rdin
Pull-down resistor
VDEBUG = 6 to 18 V
2.5
5
7.5
kΩ
Table 39. ADC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tcon
Conversion time
2.5
µs
fADC
Clock frequency (see
fclk2)
8MHz
Acc
Accuracy
Voltage divider + reference(1)
-2
2
%
Overall accuracy for WU
input: WU = 22 V
-3
3
Overall accuracy for WU
input: WU = 18 V
-3.5
3.5
Overall accuracy for WU
input: WU = 6 V
-4
4
Overall accuracy for WU
input: WU = 4.5 V
-4.6
4.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com