Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 46Page - STMicroelectronics L99DZ120 Datasheet HTML 47Page - STMicroelectronics L99DZ120 Datasheet HTML 48Page - STMicroelectronics L99DZ120 Datasheet HTML 49Page - STMicroelectronics L99DZ120 Datasheet HTML 50Page - STMicroelectronics L99DZ120 Datasheet HTML 51Page - STMicroelectronics L99DZ120 Datasheet HTML 52Page - STMicroelectronics L99DZ120 Datasheet HTML 53Page - STMicroelectronics L99DZ120 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 162 page
background image
Electrical specifications
L99DZ120
50/162
DocID029145 Rev 4
Figure 16. LIN transmit, receive timing
3.4.21
SPI
The voltages are referred to ground and currents are assumed positive, when the current
flows into the pin. 6 V < VSREG < 18 V; V1 = 5 V; all outputs open; Tj = -40 °C to 150 °C,
unless otherwise specified.
tLIN
LIN permanent
recessive time-out
40
μs
tdom(bus)
LIN Bus permanent
dominant time-out
12
ms
Table 29. LIN transceiver timing (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 30. Input: CSN
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCSNLOW
Input voltage low level
Normal mode
1.0
V
VCSNHIGH Input voltage high level Normal mode
2.3
V
VCSNHYS
VCSNHIGH - VCSNLOW
Normal mode
0.2
V
ICSNPU
CSN Pull up resistor
Normal mode
13
29
46
kΩ
Table 31. Inputs: CLK, DI
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
tset
Delay time from standby
to Active mode
Time until SPI, ADC and
OUT15/OUT_HS are operative
10
µs
tset_CP
Delay time from standby
to Active mode
Time until power stages that are
supplied by the CP are operative
560
750
960
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com