| Electronic Components Datasheet Search |
|
L99DZ120 Datasheet(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99DZ120 Datasheet(HTML) 72 Page - STMicroelectronics |
|
72 / 162 page ![]() Application information L99DZ120 72/162 DocID029145 Rev 4 4.9.1 Features LIN 2.2a compliant (SAEJ2602 compatible) transceiver LIN Cell has been designed according to “Hardware requirements for transceivers (version 1.3)” Bitrate up to 20 kbit/s Dedicated LIN Flash mode with bitrate up to 100 kbit/s GND disconnection fail safe at module level Off mode: does not disturb network GND shift operation at system level Micro controller Interface with CMOS-compatible I/O pins Internal pull-up resistor Receive-only mode ESD and transient immunity according to ISO7637 and EN / IEC61000-4-2 Matched output slopes and propagation delay Wake-up behaviour according to LIN2.2a and Hardware Requirements for LIN, CAN and Flexray Interfaces (version 1.3) At VSREG > VPOR (i.e. VSREG power-on reset threshold), the LIN transceiver is enabled. The LIN transmitter is disabled in case of the following errors: Dominant TxDL time out LIN permanent recessive Thermal shutdown 1 VSREG overvoltage/ undervoltage The LIN receiver is not disabled in case of any failure condition. The default bitrate of the transceiver allows communication up to 20 kbit/s. To enable fast flashing via the LIN bus, the transceiver can be operated in high speed mode by setting bit LIN_HS_EN (Config Reg) = 1. This feature is enabled automatically in LIN Flash mode. 4.9.2 Error handling The devices LIN transceiver provides the following 3 error handling features. Dominant TxDL time out If TXD_L is in dominant state (low) for t > tdom(TXDL) the transmitter will be disabled, the status bit LIN_TXD_DOM (SR 2) will be set. The transmitter remains disabled until the status bit is cleared. The TxD dominant timeout detection can be disabled via SPI (LIN_TXD_TOUT_EN = 0). Permanent recessive If TXD_L changes to dominant (low) state but RXD_L signal does not follow within t < tLIN the transmitter will be disabled, the status bit LIN_PERM_REC (SR 2) will be set. The transmitter remains disabled until the status bit is cleared. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |