Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 38 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 34Page - STMicroelectronics L99DZ120 Datasheet HTML 35Page - STMicroelectronics L99DZ120 Datasheet HTML 36Page - STMicroelectronics L99DZ120 Datasheet HTML 37Page - STMicroelectronics L99DZ120 Datasheet HTML 38Page - STMicroelectronics L99DZ120 Datasheet HTML 39Page - STMicroelectronics L99DZ120 Datasheet HTML 40Page - STMicroelectronics L99DZ120 Datasheet HTML 41Page - STMicroelectronics L99DZ120 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 162 page
background image
Electrical specifications
L99DZ120
38/162
DocID029145 Rev 4
3.4.12
Over Current Recovery settings
fPWMx(10) PWM switching frequency
VS/VSREG = 13.5 V;
V1 = 5 V
330
Hz
fPWMx(11) PWM switching frequency
VS/VSREG = 13.5 V;
V1 = 5 V
500
Hz
1. RLOAD = 16 Ω at OUT1,6 and OUT7,8 in low on-resistance mode
2. RLOAD = 4 Ω at OUT4,5
3. RLOAD = 128 Ω at OUT4,9,10,11,12,13,15,15,HS and OUT7,8 in high on-resistance mode
4. tCC is the switch-on delay time if complement in half bridge has to switch off
Table 16. Power outputs switching times (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 17. Half bridges (OUT1, OUT4, OUT5 and OUT6) OCR timing parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Tblanking
Guaranteed by Design
33
40
47
µs
Tocr_hb
Over current filter time
for half bridges
Guaranteed by Design
26
32
38
µs
Toff_hb
OFF Time for half
bridges OCR_FREQ=0
Guaranteed by Design
218
264
310
µs
OFF Time for half
bridges OCR_FREQ=1
106
128
150
µs
Table 18. High-side (OUT7, OUT8 and OUT_HS) OCR timing parameters
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Tblanking
Guaranteed by Design
33
40
47
µs
Tocr_hs
Over current filter time
for high-side
Guaranteed by Design
53
64
75
µs
Toff_hs
OFF Time for high-side
OCR_FREQ=0
Guaranteed by Design
398
480
562
µs
OFF Time for high-side
OCR_FREQ=1
192
232
272
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com